Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI616MC-AS Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # PI616MC-AS
Description  600DPI Image Sensor (CIS) PCB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI616MC-AS Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button PI616MC-AS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 8Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 9Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 10Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 11Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 12Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 13Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9.0 I/O CONNECTOR PIN CONFIGURATION
There are two I/0 connectors on the stiffener plate with the two sensor boards. They are MOLEX
52610-1590. They serve to interconnect the sensor boards to the amplifier boards. See the
outline drawing of the system, Figure 2, System Configuration Block Diagram. Two 15
conductors strip lines serve as the interfacing harness. It is depicted with harnesses coming
from under the stiffener plate and crossing to the top of the amplifier board and connecting to the
two input connectors MOLEX 52207-1950. The final connectors are the two ERNI-594083. They
are the SYSTEM I/Os.
TABLE 9.1A SENSOR BOARD CONNECTORS AND INPUT CONNECTORS FOR
AMPLIFIER BOARD PIN OUTS
Only one of the two connectors on the stiffener board is specified because both connectors
have identical pin out definitions. There are 8 video taps, 4 from each sensor board. They
are sequential renumbered. The first sensor board video outputs are, 1, 2, 3 and 4. The
second sensor board’s videos are 5, 6, 7 and 8.
TWO MOLEX 52610-I590 AND ITS MATE TO AMPLIFIER BOARDS MOLEX 52207-1590
PIN
NUMBERS
PIN NAMES
SYSMBOL
I/0
NAMES AND FUNCTIONS
1
CLOCK PULSE
CP
I
2
START PULSE
SP
I
3
GROUND
GRD
I
GROUND; 0V
4
POWER SUPPLY
VDD
I
POSITIVE POWER SUPPLY
5
GROUND
GRD
I
GROUND; 0V
6
GROUND
GRD
I
GROUND; 0V
7
GROUND
GRD
I
GROUND; 0V
8
VIDEO OUTPUT
VSEC1
O
TAPPED 1 VIDEO OUTPUT,
SECTION 1 ON BOARD 1. IT
IS SECTION 5 ON BOARD 2
9
ANALOG GROUND
AGRD
I
ANALOG VIDEO RETURN
LINE, GROUND; 0V
10
VIDEO OUTPUT
VSEC2
O
TAPPED 2 VIDEO OUTPUT,
SECTION 2 ON BOARD 1. IT
IS SECTION 6 ON BOARD 2
11
ANALOG GROUND
AGRD
I
ANALOG VIDEO RETURN
LINE, GROUND; 0V
12
VIDEO OUTPUT
VSEC3
O
TAPPED 3 VIDEO OUTPUT, SECTION
3 ON BOARD 1. IT IS SECTION 7 ON
BOARD 2
13
ANALOG GROUND
AGRD
I
ANALOG VIDEO RETURN LINE,
PAGE 9 OF 22 - PI616MC-AS, 12/20/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com