Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI616MC-AS Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # PI616MC-AS
Description  600DPI Image Sensor (CIS) PCB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI616MC-AS Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

Back Button PI616MC-AS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 8Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 9Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 10Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 11Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 12Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
This table is defines the symbols used in the timing diagram, Figure 3. Timing Diagram. It is for
a single video section. However it applies to all eight video sections. Accordingly, the system-
timing diagram is a composition of this timing diagram repeated eight times with all waveforms in
parallel, so electrically the system produces pixels from all eight video section simultaneously.
ITEM
SYMBOL
MIN.
TYPICAL
MAX.
UNITS
CLOCK CYCLE TIME (2)
to
0.1666
0.200
10
m
s
CLOCK PULSE WIDTH (2)
tw
0.100
ns
CLOCK DUTY CYCLE (2)
duty
25
50
75
%
PROHIBIT CROSSING TIME
OF START PULSE
tprh
30
ns
DATA SETUP TIME
tds
30
ns
DATA HOLD TIME
tdh
25
ns
SIGNAL DELAY TIME
tdl
75
ns
SIGNAL SAMPLE TIME
tsmp(3)
125
ns
SIGNAL FALL TIME
tsigf
75
ns
RECOMMEND SP
GENERATION
Tonoff (4)
1. Applies to whole chart. All of the symbol definitions in above table are used in Figure 3,
TIMING DIAGRAM. For the complete system, there are only two clocks, CP, and start
pulse, SP and there logic levels are compatible with CMOS 74HCXX series logic devices.
2. See the notes on clock periods (the inverse of FREQ) and their duty cycle under Table
5.1 notes 3 and 4.
3. See PI3039 DATA SHEET page 6, Table 6A, note 6.
4. Recommend method for SP generation because the shift register loads only on the falling
edge.
8.0 MAXIMUM RATINGS
TABLE 8.1 MAXIMUM RATINGS (Not to be used for continuous operation)
ITEM
SYMBOL
SPECIFICATION
NOTE
DC SUPPLY VOLTAGE
VDD
7 V
INPUT VOLTAGE
VIN
0 TO VDD+0.3
SP & CP
AMBIENT TEMPERATURE (1) TA (PCB Surface)
0 TO 70OC (See note,
below.)
-10O to +75OC (See
note, below.)
Operational
Storage
AMBIENT HUMIDITY (1)
HA
0 to 80% (See note)
Non
Condensing
MAXIMUM OPERATING
CASE TEMPERATURE (1)
PCB Temperature
70OC (See note,
below.)
Note (1) All referenced parameters are conservative engineering estimate based on few of the
prototype PCB. They are based on measurements of similar CIS modules and/or
simple bench top tests using heat guns and freeze sprays. However these parameters
will be re-measured during the pilot production using standard QA practices that is
under the control of ISO 9000 regulations.
TABLE 7.2 CLOCK TIMING CHARACTERISTICS, SEE FIGURE 3. TIMING DIAGRAM
PAGE 8 OF 22 - PI616MC-AS, 12/20/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com