Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI616MC-AS Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI616MC-AS
Description  600DPI Image Sensor (CIS) PCB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI616MC-AS Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI616MC-AS Datasheet HTML 1Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 2Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 3Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 8Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Note (6) TOP is a conservative engineering estimate. It is based on measurements of similar CIS
modules and simple bench top tests using heat guns and freeze sprays. These will be
re-measured during the pilot production under the standard QA practices that is under
control of ISO 9000.
6.0 ELECTRO-OPTICAL CHARACTERISTICS
TABLE 6.1 ELECTRO-OPTICAL CHARACTERISTICS (25O C)
PARAMETER
SYMBOL
PARAMETER
UNITS
NOTE
NUMBER OF ACTIVE
PHOTO DETECTORS
7680
elements
PIXEL-TO-PIXEL SPACING
43.25
m
m
LINE SCANNING RATE
TINT (1)
192
m
s/line
@ 5.0 MHz
clock
frequency,
see note 1.
CLOCK FREQUENCY
FREQ (2)
6.0
MHz
Maximum
clock
frequency,
see note 2.
RED RESPONSIVITY
ExpR (3)
70
V/mJ/cm2
See Note 3
for definition
GREEN RESPONSIVITY
ExpG (3)
55
V/mJ/cm2
See Note 3
for definition
BLUE RESPONSIVITY
ExpB (3)
35
V/mJ/cm2
See Note 3
for definition
BRIGHT OUTPUT VOLTAGE Vpavg (4)
3.0
Volts
Green light,
Exposure=X
XXXXmJ/cm2
BRIGHT OUTPUT NON-
UNIFORMITY
Up (5)
<7
%
Depends on
optical
System.
See note 5
ADJACENT PIXEL
NONUNIFORMITY
Uadj (6)
<10
%
BRIGHT OUTPUT
NONUNIFORMITY TOTAL
Uptotal (7)
<10
%
Depends on
the optical
system, see
note 5
DARK NONUNIFORMITY
Ud (8)
<25
mV
DARK VIDEO OFFSET
Vd (9)
-2.0
Volts
RANDOM NOISE
RNL (10)
<11.8
<3.0
p-p mV
rms mV
MODULATION TRANSFER
FUNCTION
MTF (11)
>70
%
Sensor only
see note 11
PAGE 5 OF 22 - PI616MC-AS, 12/20/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com