Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI616MC-AS Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI616MC-AS
Description  600DPI Image Sensor (CIS) PCB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI616MC-AS Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button PI616MC-AS Datasheet HTML 3Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 4Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 5Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 8Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 9Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 10Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
pixel value of the video pixel with exposure off. The references for these levels are the
dark level, VDL.
9. DARK OUTPUT VOLTAGE, VDL is the level between the out video pixel dark level and
the ground.
10. RANDOM NOISE, RNL, is measured using two methods, one is tangentially on the
scope. This measures an approximate peak-to-peak, p-p, random thermal noise. The
other is in terms of rms. It is estimated by using the Gaussian Statistical Methods. One
pixel is selected out of a line scan and its peak values are recorded for a multiple line
scans. These random peak values are used to estimate the rms values.
11. MODULATION TRANSFER FUNCTION depends on the optical system. Since this
system relies on the users optical system it was not measured. Refer back to note 5,
measurements on Up, all notes that references the optical measurements applies to
MTF measurements as well. Using a conservative engineering estimate, the sensor’s
MTF is in excess of 70% at the Optical Nyquest Frequency.
7.0 ELECTRICAL CLOCKING CHARACTERISTICS.
TABLE 7.1 CLOCK AMPLITUDE AND DUTY CHARACTERISTICS
(Ta =25OC)
SPECIFICATION
ITEM
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
VIH (1)
CLOCK
INPUT
VOLTAGE
VIL (1)
For values
see the notes
See note
(1) for
values
IIH (1)
CLOCK
INPUT
CURRENT
IIL (1)
See note
(1) for
values
CLOCK
FREQUENCY
FREQ (2)
0.100
5.0
6.0
MHz
LINE READ
TIME
TINT (3)
160
192
1000
m
s
CLOCK
PULSE DUTY
CYCLE
RATIO=
tw/ to (4)
25
50
75
%
Note 1. These clock, CP, and start pulse, SP, values are compatible with CMOS 74HCXX series
logic devices.
Note 2. FREQ is not only the clock frequency, but is also equal to the pixel sample rate. See not
2 under Table 6.1.
Note 3. TINT is the Line scan read time that depends on the interval between the start pulse
entries. See note 1 under Table 6.1. The longest integration time is determined by the
degree of leakage current degradation that can be tolerated by the system. A 10ms
maximum is a typical rule-of-thumb. An experienced CIS user can use his discretion and
determine the desired tolerance level for the given system.
Note 4. The definition for the symbols used in the RATIO is defined under the 7.2 Timing
Diagram.
7.2 TIMING DIAGRAM
PAGE 7 OF 22 - PI616MC-AS, 12/20/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com