Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI616MC-AS Datasheet(PDF) 10 Page - AMI SEMICONDUCTOR

Part # PI616MC-AS
Description  600DPI Image Sensor (CIS) PCB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI616MC-AS Datasheet(HTML) 10 Page - AMI SEMICONDUCTOR

Back Button PI616MC-AS Datasheet HTML 6Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 7Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 8Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 9Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 10Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 11Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 12Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 13Page - AMI SEMICONDUCTOR PI616MC-AS Datasheet HTML 14Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
GROUND; 0V
14
VIDEO OUTPUT
VSEC4
O
TAPPED 4 VIDEO OUTPUT, SECTION
4 ON BOARD 1. IT IS SECTION 8 ON
BOARD 2
15
ANALOG GROUND
AGRD
I
ANALOG VIDEO RETURN LINE,
GROUND; 0V
TABLE 9.1B AMPLIFIER BOARD OUTPUT CONNECTORS, ERNI-594083
There are four connectors on the amplifier board. Two are inputs, which are described
above, and two are outputs, which are described below. There is only one table shown for
both connectors. They are both identical in there connections except one is for sensor
board 1’s outputs and the other is for sensor board 2’s outputs. Accordingly each of the
video outputs, after amplification, for both sensor boards are labeled VOUT1, VOUT2,
VOUT3 and VOUT4. Videos from sensor board 1, VSEC1’s corresponding output is
VOUT1, VSEC2’s corresponding output is VOUT2, VSEC3’s corresponding output is
VOUT3 and VSEC4’s corresponding output is VOUT4. Then the videos from sensor board
2 will have their corresponding outputs on the second connector VOUT1, VOUT2, VOUT3
and VOUT4, except they are outputs VOUT5, VOUT6. VOUT7 and VOUT8 because their
video signals originate from section 5, section 6, section 7 and section 8 of the sensor
board 2.
ERNI CONNECTOR ERNI-594083
PIN NUMBERS
DESCRIPTION
ROW A
DESCRIPTION
ROW B
DESCRIPTION
ROW C
1
VDD
VDD
AGND
2
VDD
VDD
VOUT1
3
NO CONNECT
NO CONNECT
AGND
4
GROUND
GROUND
AGND
5
SP
GND
AGND
6
NO CONNECT
GND
VOUT2
7
NO CONNECT
GND
AGND
8
NO CONNECT
GND
AGND
9
CLK
GND
AGND
10
GND
GND
VOUT3
11
NO CONNECT
GND
AGND
12
NO CONNECT
GND
AGND
13
NO CONNECT
GND
AGND
14
GND
GND
VOUT4
15
NO CONNECT
NO CONNECT
AGND
16
VSS
VSS
AGND
Note: The functional description for the symbols used in the table below are same as
described for the input connector. The two new symbols VSS and CLK are as follows:
VSS is negative supply input. CLK is CP.
The locations of pin 1 on all the connectors are facing the same end. See Figure 2, System
Configuration Block Diagram.
PAGE 10 OF 22 - PI616MC-AS, 12/20/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com