Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3FL Datasheet(PDF) 6 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 2Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 3Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 4Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 5Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 6Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 7Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 8Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 9Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
2
Supported GNSS constellations
The embedded FW supports all the GNSS constellations (GPS, GLONASS, GALIELO, BEIDOU and QZSS). The
user can select the active constellations in the firmware configuration based the applications needs; by default the
active GNSS constellations are GPS and Glonass.
2.1
GPS
The Teseo-LIV3FL GNSS module is designed to receive and to track the L1C/A signals provided at 1575.42 MHz
by the global positioning system (GPS). The Teseo-LIV3FL can receive and process GPS concurrently with
Galileo and GLONASS or BeiDou (the last two are mutually exclusive).
2.2
GLONASS
The Teseo-LIV3FL module can receive and process GLONASS concurrently with GPS and Galileo. The Russian
GLONASS satellite system (ГЛОНАСС; GLObal NAvigation satellite system) is an alternative to US’s GPS and
EU’s Galileo.
2.3
BeiDou
The Teseo-LIV3FL modules can receive and process BeiDou in conjunction with GPS and Galileo. The B1 signals
provided at 1561.098 MHz by the BeiDou navigation satellite system can be tracked by Teseo-LIV3FL positioning
modules. The ability to receive and track BeiDou B1 satellite signals with GPS results in higher coverage,
improved reliability, and better accuracy especially in the difficult urban environment of the significant far east
cities like Shanghai, Taipei, Singapore.
2.4
Galileo
The Teseo-LIV3FL can receive and process Galileo concurrently with GPS and GLONASS or BeiDou (the last two
are mutually exclusive).
Teseo-LIV3FL
Supported GNSS constellations
DS13881 - Rev 4
page 6/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com