Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3FL Datasheet(PDF) 32 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 26Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 27Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 28Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 29Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 30Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 31Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 32Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 33Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
List of tables
Table 1.
GNSS performance .................................................................. 2
Table 2.
Teseo-LIV3FL pin out description ......................................................... 5
Table 3.
Supported RTCM message on Teseo-LIV3FL ................................................ 7
Table 4.
Datalog type description .............................................................. 15
Table 5.
Supply voltage characteristics when VCC_IO@1.8 V .......................................... 19
Table 6.
Supply voltage characteristics when VCC_IO@3.3 V .......................................... 19
Table 7.
Thermal characteristics............................................................... 19
Table 8.
Current consumption ................................................................ 19
Table 9.
Recommended DC operating conditions ................................................... 20
Table 10.
Mechanical specifications tolerance ...................................................... 21
Table 11.
Labeling information description......................................................... 25
Table 12.
Soldering profile values .............................................................. 26
Table 13.
Document revision history ............................................................. 29
Teseo-LIV3FL
List of tables
DS13881 - Rev 4
page 32/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com