Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3FL Datasheet(PDF) 26 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 24Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 25Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 26Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 27Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 28Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 29Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
19
Reflow-soldering profile
The Teseo-LIV3FL is a high temperature strength surface that mounts the GNSS module supplied on an 18 pin,
6-layer PCB. The final assembly recommended that reflows profiles is indicated here below.
Soldering phase has to be executed with care in order to avoid undesired melting phenomena. Particular attention
has to be taken on the setup of the peak temperature.
Here below some suggestions for the temperature profile based on the following recommendations.
Table 12. Soldering profile values
Profile feature
PB-free assembly
Average ramp-up rate (TSMAX to Tp)
3 °C/s max.
Preheat:
•
Temperature min (TSmin)
•
Temperature max (TSmax)
•
Time (tSmin to tSmax) (tS)
150 °C
200 °C
60-100 s
Time maintained above:
•
Temperature (TL)
•
Time (tL)
217° C
60-70 s
Peak temperature (TP)
245 ±5 °C
Time within 5 °C of actual peak temperature (TP)
10-20 s
Ramp-down rate
4 °C/s
Time from 25 °C to peak temperature
8 minute max.
Figure 10. Soldering profiles
19.1
Cooling phase
A controlled cooling avoids negative metallurgical effects of the solder (solder becomes more brittle) and possible
mechanical tensions in the products. Controlled cooling helps to achieve bright solder fillets with a good shape
and low contact angle.
Temperature fall rate: max 4 °C/s
To avoid falling off, the Teseo module should be placed on the topside of the motherboard during soldering.
Teseo-LIV3FL
Reflow-soldering profile
DS13881 - Rev 4
page 26/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com