Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3FL Datasheet(PDF) 1 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 1 Page - STMicroelectronics

  TESEO-LIV3FL Datasheet HTML 1Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 2Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 3Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 4Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 5Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 6Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 7Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 8Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Features
•
Simultaneous multiconstellation
•
-163 dBm tracking sensitivity
•
1.5 m CEP position accuracy
•
16 Mbit embedded Flash for data logging and FW upgrade
•
VCC/VBAT supply voltage range from 1.75 V to 4.2 V
•
VCC_IO 1.8 V and 3.3 V
•
Tiny LCC 18-pin package (9.7 x 10.1 x 2.3 mm )
•
Operating temperature (from -40° to 85 °C)
•
Free FW configuration
•
Measurement data (carrier phase)
•
8 μA standby current and 65 mW tracking power consumption
Description
The Teseo-LIV3FL module is an easy to use global navigation satellite system
(GNSS) standalone module. It embeds the Teseo III single die standalone positioning
receiver IC working simultaneously on multiple constellations (GPS/Galileo/Glonass/
BeiDou/QZSS).
The Teseo-LIV3FL modules bring the proven accuracy and robustness of the Teseo
chips within everyone's reach. The embedded firmware and the complete evaluation
environment save development time. The compactness and economy of this solution
make it ideal for multiple applications such as insurance, goods tracking, drones,
tolling, anti-theft systems, people and pet location, vehicle tracking, emergency calls,
fleet management, vehicle sharing, diagnostics, and public transportation.
Within its 9.7 x 10.1 mm tiny size, the Teseo-LIV3FL offers superior accuracy
because of the integrate temperature, compensated crystal oscillator (TCXO) and a
reduced time to first fix (TTFF) through its dedicated real-time clock (RTC) oscillator.
Thanks to the embedded Flash, the Teseo-LIV3FL offers many extra features such
as data logging. Seven days autonomous assisted GNSS, FW reconfigurability as
well as FW upgrades.
The Teseo-LIV3FL also provides the autonomous assisted GNSS able to predict
satellite data based on previous observation of a satellite.
The Teseo-LIV3FL module is a certified solution. It optimizes the time to market of the
final applications with a temperature operating range from -40°C to 85°C.
Product status link
Teseo-LIV3FL
Product summary
Order code
Teseo-LIV3FL
Marking
Teseo-LIV3FL
Temperature
range
from -40°C to 85°C
Package
LCC-18
(9.7 mm x10.1 mm)
Packing
Tape and reel
Tiny low power GNSS module
Teseo-LIV3FL
Datasheet
DS13881 - Rev 4 - October 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TESEO-LIV3FL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL Datasheet
1Mb / 34P
Tiny low power GNSS module
17-Aug-2022
More results

Similar Description - TESEO-LIV3FL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TESEO-LIV3R STMICROELECTRONICS-TESEO-LIV3R Datasheet
849Kb / 30P
Tiny ROM GNSS module
10-Jun-2019
X-NUCLEO-GNSS1A1 STMICROELECTRONICS-X-NUCLEO-GNSS1A1 Datasheet
3Mb / 5P
GNSS Module
12-Oct-2018
TESEO-LIV3F STMICROELECTRONICS-TESEO-LIV3F Datasheet
783Kb / 37P
Tiny GNSS module
20-Sep-2019
logo
Quectel Wireless Soluti...
L76 QUECTEL-L76 Datasheet
1Mb / 2P
Compact GNSS Module
L76-L QUECTEL-L76-L Datasheet
1Mb / 2P
Extremely Compact GNSS Module with Ultra Low Power Consumption
logo
List of Unclassifed Man...
ORG4572 ETC-ORG4572 Datasheet
1Mb / 40P
GNSS RECEIVER MODULE
Revision 3.0 November 23, 2014
logo
STMicroelectronics
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL Datasheet
1Mb / 34P
Tiny low power GNSS module
17-Aug-2022
TESEO-LIV4F STMICROELECTRONICS-TESEO-LIV4F Datasheet
868Kb / 30P
Tiny Dual-Band GNSS Low Power module
30-Mar-2023
logo
Yuechung International ...
YIC51612EBGGB YIC-YIC51612EBGGB Datasheet
1Mb / 19P
Ultra Low Power & Multi-Constellation GNSS Module
YIC73030PGMGG YIC-YIC73030PGMGG Datasheet
1Mb / 16P
Ultra Low Power GNSS Antenna Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com