Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3FL Datasheet(PDF) 20 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 19Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 20Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 21Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 22Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 23Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Symbol
Parameter
Test condition
Typ .
Unit
Current consumption GNSS tracking mode
Tc = 25 °C;
VCC = VCC_IO = VBAT = 1.8 V;
GNSS = GPS/Glonass;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 1.8 V
80
mW
GNSS = GPS/BeiDou;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 1.8 V
80
mW
GNSS = GPS only;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 3.3 V;
95
mW
GNSS = GPS/Glonass;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 3.3 V;
120
mW
GNSS = GPS/BeiDou;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 3.3 V
115
mW
Current consumption
standby
HW-off mode
RTC running = 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = nReset = 0 V
VBAT = ON
19 (VBAT = 1.8 V)
17 (VBAT = 3.3 V)
μA
HW-STANDBY mode
RTC running = 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 1.8 V;
nReset = GND
19.5
μA
RTC running @ 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 3.3 V;
nReset = GND
20.5
μA
SW-STANDBY mode
RTC running @ 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 1.8 V;
9.5
μA
RTC running @ 32.768 KHz;
Tc = 25 °C;
VCC = VCC_IO = VBAT = 3.3 V
11
μA
15.5
Recommended DC operating conditions
Recommended DC operating conditions for the lowest power consumption.
Table 9. Recommended DC operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Power supply pins
1.755
1.8
1.98
V
VCC_Bat
Power supply pins for backup
internal logic
1.755
1.8
1.98
V
VCC_IO
IO Supply Voltage
1.755
1.8
1.98
V
Teseo-LIV3FL
Recommended DC operating conditions
DS13881 - Rev 4
page 20/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com