Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESEO-LIV3FL Datasheet(PDF) 2 Page - STMicroelectronics

Part # TESEO-LIV3FL
Description  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL Datasheet(HTML) 2 Page - STMicroelectronics

  TESEO-LIV3FL Datasheet HTML 1Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 2Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 3Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 4Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 5Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 6Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 7Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 8Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
1
Overview
1.1
GNSS performance
Receiver specification:
•
GPS L1C/A
•
SBAS L1C/A
•
QZSS L1C/A
•
GLONASS L1OF
•
BeiDou B1
•
Galileo E1B/C
Table 1. GNSS performance
Parameter
Specfication
GPS & GLONASS
GPS & BeiDou
GPS & Galileo
Unit
Time to first fix (1)
Cold start warm
start
<32
<25
<36
<29
<30
<26
s
Hot start
<1.5
<2.5
<2
Sensitivity(2)(3)(4)(5)
Tracking
-163
-163
-163
dBm
Navigation(6)
-158
-158
-158
Reacquisition(7)(8)
-156
-156
-156
Cold start
-147
-147
-147
Warm start
-148
-148
-148
Hot start
-154
-151
-154
Max fix rate
—
10
10
10
Hz
Velocity accuracy
(9)
—
0.01
—
0.01
m/s
Velocity accuracy
(10)
—
0.1
—
0.1
m/s
Heading accuracy
—
0.01
—
0.01
°
Heading accuracy
—
2.3
—
2.4
°
Horizontal position
accuracy (11)
Autonomous
<1.8
<1.5
-
m
SBAS
<1.5
-
-
Accuracy of time
pulse
RMS
-
-
-
-
99%
±12.4
±29.0
±21.8
ns
Frequency of time
pulse
—
1
1
1
Hz
Operational limits
(12)
Dynamic (13)
<4.5g
<4g
<4.5g
m/s2
Altitude (14)
18000
18000
18000
m
Velocity
515
515
515
m/s
1. All satellites at-130 dBm- TTFF@50%.
2. Demonstrated with a good external LNA
3. For hot start, all sats have the same signal level except one (pilot sat @-145 dBm)
4. For BEIDOU tracking sensitivity refers to MEO sats. For GEO the tracking sensitivity is -151 dBm .
5. For GALILEO the signal level refers to both pilot and data components
6. Configurable value
7. All satellites at the same signal level
Teseo-LIV3FL
Overview
DS13881 - Rev 4
page 2/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com