Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Data Sheet
AD8155
Rev. A | Page 7 of 35
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SEL4G
VEE
VTTO
ON_A1
OP_A1
VCC
ON_A0
OP_A0
VTTI
IN_A1
IP_A1
VCC
IN_A0
IP_A0
VEE
DVCC
LB_C
VEE
OP_C0
ON_C0
VCC
OP_C1
ON_C1
VTTO
VCC
IP_B0
IN_B0
VCC
IP_B1
IN_B1
VTTI
VEE
AD8155
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD ON THE BOTTOM OF THE PACKAGE MUST BE
ELECTRICALLY CONNECTED TO VEE.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
SEL4G
Control
Set Transmitter for Low Speed PE, Active High.
2, 15, 29, 33, 47
VEE
Power
Negative Supply.
3, 23, 41
VTTO
Power
Port A, Port B, and Port C Output Termination Supply.
4
ON_A1
Output
High Speed Output Complement.
5
OP_A1
Output
High Speed Output.
6, 12, 26, 37, 40, 44, 55, 59
VCC
Power
Positive Supply.
7
ON_A0
Output
High Speed Output Complement.
8
OP_A0
Output
High Speed Output.
9, 34, 56
VTTI
Power
Port A, Port B, and Port C Input Termination Supply.
10
IN_A1
Input
High Speed Input Complement.
11
IP_A1
Input
High Speed Input.
13
IN_A0
Input
High Speed Input Complement.
14
IP_A0
Input
High Speed Input.
16
DVCC
Power
Digital Power Supply.
17
SCL
Control
I2C Clock Input.
18
SDA
Control
I2C Data Input/Output.
19
I2C_A0
Control
I2C Address Input (LSB).
20
I2C_A1
Control
I2C Address Input.
21
I2C_A2
Control
I2C Address Input (MSB).
22
RESET
Control
Device Reset, Active Low.
24
ON_B1
Output
High Speed Output Complement.
25
OP_B1
Output
High Speed Output.
27
ON_B0
Output
High Speed Output Complement.
28
OP_B0
Output
High Speed Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com