Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
AD8155
Data Sheet
Rev. A | Page 16 of 35
Table 6. Features Available Through Toggle Pin or Serial Control
Feature
Pin Control
Serial Control
Switch Features
BICAST
One pin
One bit
A/B Lane Select
Two pins
Two bits
Loopback
Three pins
Three bits
Rx Features
EQ Levels
Two settings
10 settings
N/P Swap
Not available
Available
Squelch
Enabled
Three bits
Tx Features
Programmable Output Levels
±400 mV diff fixed1
±200 mV diff/±300 mV diff/±400 mV diff/±600 mV diff
PE Levels
Two settings
>7 settings
1 ±400 mV diff indicates a 400 mV amplitude signal measured between two differential nodes. The voltage swing at differential I/O pins is described in this data sheet
both in terms of the differentially measured voltage range (±400 mV diff, for example) and in terms of peak-to-peak differential swing, denoted as mV p-p diff. An
output level setting of ±400 mV diff delivers a differential peak-to-peak output voltage of 800 mV p-p diff.
THE SWITCH
(MUX/DEMUX/UNICAST/BICAST/LOOPBACK)
The mux and demux functions of the AD8155 can be
controlled either with the toggle pins or through the register
map. The multiplexer path switches received data from Input
Port A or Input Port B to Output Port C. The SEL[1:0] pins allow
switching lanes independently. The demultiplexer path
switches received data from Input Port C to Output Port A,
Output Port B, or (if bicast mode is enabled) to both Output Port
A and Output Port B.
Table 7. Port Selection and Configuration with All
Loopbacks Disabled
BICAST
SELx
Output
Port A
Output
Port B
Output
Port C
0
0
Ix_C[1:0]
Idle
Ix_A[1:0]
0
1
Idle
Ix_C[1:0]
Ix_B[1:0]
1
0
Ix_C[1:0]
Ix_C[1:0]
Ix_A[1:0]
1
1
Ix_C[1:0]
Ix_C[1:0]
Ix_B[1:0]
When the device is in unicast mode, the output lanes on either
Port A or Port B are in an idle state. In the idle state, the
transmitter output current is set to 0, and the P and N sides of
the lane are pulled up to the output termination voltage
through the on-chip termination resistors. To save power, the
unused receiver automatically disables.
The AD8155 supports port-level loopback, illustrated in Figure 36.
The loopback control pins override the lane select (SEL[1:0])
and bicast control (BICAST) pin settings at the port level. In serial
control mode, Bits [6:4] of Register 0x01 control loopback and
are equivalent to asserting Pin LB_A, Pin LB_B, and Pin LB_C.
Table 8 summarizes the different loopback configurations.
The loopback feature is useful for system debug, self-test, and
initialization, allowing system ASICs to compare Tx and Rx
data sent over a single bidirectional link. Loopback can also be
used to configure the device as a two- to six-lane receive
equalizer or backplane redriver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com