Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Data Sheet
AD8155
Rev. A | Page 17 of 35
X4
X4
X4
X4
X4
X4
1:2 DEMUX
Ox_A[1:0]
Ox_B[1:0]
Ix_B[1:0]
Ix_A[1:0]
PORT C LOOPBACK
PORT A LOOPBACK
PORT B LOOPBACK
2:1 MUX
Ix_C[1:0]
Ox_C[1:0]
Figure 36. Port-Level Loopback
Table 8. Switch Connectivity vs. Loopback, BICAST, and Port Select Settings
LB_A
LB_B
LB_C
BICAST
SEL[1:0]
Output Port A
Output Port B
Output Port C
0
0
0
0
00
Ix_C[1:0]
Idle
Ix_A[1:0]
0
0
0
0
11
Idle
Ix_C[1:0]
Ix_B[1:0]
0
0
0
1
00
Ix_C[1:0]
Ix_C[1:0]
Ix_A[1:0]
0
0
0
1
1
Ix_C[1:0]
Ix_C[1:0]
Ix_B[1:0]
0
0
1
0
00
Ix_C[1:0]
Idle
Ix_C[1:0]
0
0
1
0
11
Idle
Ix_C[1:0]
Ix_C[1:0]
0
0
1
1
00
Ix_C[1:0]
Ix_C[1:0]
Ix_C[1:0]
0
0
1
1
11
Ix_C[1:0]
Ix_C[1:0]
Ix_C[1:0]
0
1
0
0
00
Ix_C[1:0]
Ix_B[1:0]
Ix_A[1:0]
0
1
0
0
11
Idle
Ix_B[1:0]
Ix_B[1:0]
0
1
0
1
00
Ix_C[1:0]
Ix_B[1:0]
Ix_A[1:0]
0
1
0
1
11
Ix_C[1:0]
Ix_B[1:0]
Ix_B[1:0]
0
1
1
0
00
Ix_C[1:0]
Ix_B[1:0]
Ix_C[1:0]
0
1
1
0
11
Idle
Ix_B[1:0]
Ix_C[1:0]
0
1
1
1
00
Ix_C[1:0]
Ix_B[1:0]
Ix_C[1:0]
0
1
1
1
11
Ix_C[1:0]
Ix_B[1:0]
Ix_C[1:0]
1
0
0
0
00
Ix_A[1:0]
Idle
Ix_A[1:0]
1
0
0
0
11
Ix_A[1:0]
Ix_C[1:0]
Ix_B[1:0]
1
0
0
1
00
Ix_A[1:0]
Ix_C[1:0]
Ix_A[1:0]
1
0
0
1
11
Ix_A[1:0]
Ix_C[1:0]
Ix_B[1:0]
1
0
1
0
00
Ix_A[1:0]
Idle
Ix_C[1:0]
1
0
1
0
11
Ix_A[1:0]
Ix_C[1:0]
Ix_C[1:0]
1
0
1
1
00
Ix_A[1:0]
Ix_C[1:0]
Ix_C[1:0]
1
0
1
1
11
Ix_A[1:0]
Ix_C[1:0]
Ix_C[1:0]
1
1
0
0
00
Ix_A[1:0]
Ix_B[1:0]
Ix_A[1:0]
1
1
0
0
11
Ix_A[1:0]
Ix_B[1:0]
Ix_B[1:0]
1
1
0
1
00
Ix_A[1:0]
Ix_B[1:0]
Ix_A[1:0]
1
1
0
1
11
Ix_A[1:0]
Ix_B[1:0]
Ix_B[1:0]
1
1
1
0
00
Ix_A[1:0]
Ix_B[1:0]
Ix_C[1:0]
1
1
1
0
11
Ix_A[1:0]
Ix_B[1:0]
Ix_C[1:0]
1
1
1
1
00
Ix_A[1:0]
Ix_B[1:0]
Ix_C[1:0]
1
1
1
1
11
Ix_A[1:0]
Ix_B[1:0]
Ix_C[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com