Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
AD8155
Data Sheet
Rev. A | Page 22 of 35
Speed Select
The SEL4G pin lets the user lower the transmitter frequency of
maximum boost from 3.25 GHz to 2.0 GHz, allowing the AD8155
to offer exceptional transmit channel compensation for legacy
applications (4.5 Gbps and slower). SEL4G = 1 lowers the
frequency of maximum boost without sacrificing the amount
of boost delivered.
AD8155 POWER CONSUMPTION
There are several sections of the AD8155 that draw varying
power depending on the supply voltages, the type of I/O coupling
used, and the status of the AD8155 operation. Figure 40 shows a
block diagram of these sections. An initialization sequence is
required to enable the AD8155 in a low power mode (see the
Applications Information section).
The first section consists of the input termination resistors. The
power dissipated in the termination resistors is due to the input
differential swing and any common-mode current resulting
from dc-coupling the input.
In the next section (the receiver section), each input is powered
only when it is selected, and the disable bits are set to 0. If a
receiver is not selected, it is powered down. Thus, the total
number of active inputs affects the total power consumption.
Furthermore, the loss-of-signal detection circuits can be disabled
independent of the receiver for even greater power savings.
The core of the device performs the multiplexer and
demultiplexer switching functions. It draws a fixed quiescent
current of 2 mA whenever the AD8155 is powered from VCC
to VEE. The switch draws an additional 4 × 4.6 mA in normal
mux/demux operation and an additional 6 × 4.6 mA with all
ports in loop-back or with bicast selected. The switch core can
be disabled to save power.
An output predriver section draws a current, IPRED, that is related to
the programmed output current, ITTO. The predriver current
always flows from VCC to VEE. It is treated separately from the
output current, which flows from VTTO and may not be the
same voltage as VCC.
The final section is the outputs section. For an individual output,
the programmed output current flows through two separate
paths. One is the on-chip termination resistor, and the other is
the transmission line and the destination termination resistor.
The nominal parallel impedance of these two paths is 25 Ω. The
sum of these two currents flows through the switches and the
current source of the AD8155 output circuit and out through VEE.
The power dissipated in the transmission line and the destination
resistor is not dissipated in the AD8155 but must be supplied
from the power supply and is a factor in overall system power.
The current in the on-chip termination resistors and the output
current source dissipate power in the AD8155 itself.
Outputs
The output current is set by a combination of output level and
preemphasis settings (see Table 19). For the two logic switch
states, this current flows through an on-chip termination
resistor and a parallel path to the destination device and its
termination resistor. The power in this parallel path is not
dissipated by the AD8155. With preemphasis enabled, some
current always flows in both the P and N termination resistors.
This preemphasis current gives rise to an output common-
mode shift, which varies with ac-coupling or dc-coupling and
which is calculated for both cases in Table 19.
Perhaps the most direct method for calculating power dissipated in
the output is to calculate the power that would be dissipated if
all of ITOT were to flow on-die from VTTO to VEE and to subtract
from this the power dissipated off die in the destination device
termination resistors and the channel. For this purpose, the
destination device and channel can be modeled as 50 Ω load
resistors, RL, in parallel with the AD8155 termination resistors.
IP_xx
IN_xx
VTTI
VEE
AC-COUPLING CAPS
(OPTIONAL)
INPUT
TERMINATION
P =
(VIN_DIFF_RMS)2
100Ω
EQUALIZER
RECEIVER
SWITCH
LOSS OF
SIGNAL
50Ω
50Ω
VTTO
IOUT
VTT
50Ω
50Ω
OUTPUT
TERMINATIONS
P =
× 50Ω
IOUT
2
OPTIONAL COUPLING
CAPACITORS
P = (VOL) (IOUT)
VOL = VTTO – (IOUT × 25Ω)
VCC
DVCC
Figure 40. AD8155 Power Distribution Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com