Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
AD8155
Data Sheet
Rev. A | Page 12 of 35
100
0
20
40
60
80
02468
DATA RATE (GHz)
Figure 17. Deterministic Jitter vs. Data Rate
100
0
20
40
60
80
01.0
0.5
1.5
2.0
2.5
DIFFERENTIAL INPUT SWING (V p-p)
Figure 18. Deterministic Jitter vs. Input Swing
100
0
20
40
60
80
–60
100
80
60
40
20
0
–20
–40
TEMPERATURE (°C)
Figure 19. Deterministic Jitter vs. Temperature
80
70
60
50
40
30
20
10
0
04.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
INPUT COMMON-MODE (V)
VCC = 3.3V
VCC = 1.8V
Figure 20. Deterministic Jitter vs. Input Common Mode
100
80
60
40
20
0
1.0
4.0
3.5
3.0
2.5
2.0
1.5
VCC (V)
Figure 21. Deterministic Jitter vs. VCC
100
90
80
70
60
50
40
30
20
10
0
1.0
4.0
3.5
3.0
2.5
2.0
1.5
VTTO VOLTAGE (V)
(VCC = 1.8V)
DEFAULT OUTPUT SWING
(VCC = 1.8V)
MIN OUTPUT SWING
(VCC = 3.3V)
DEFAULT OUTPUT SWING
(VCC = 3.3V)
MIN OUTPUT SWING
Figure 22. Deterministic Jitter vs. Output Termination Voltage (VTTO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com