Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
AD8155
Data Sheet
Rev. A | Page 8 of 35
Pin No.
Mnemonic
Type
Description
30
EQ_A
Control
Port A Equalizer Control Input.
31
EQ_B
Control
Port B Equalizer Control Input.
32
EQ_C
Control
Port C Equalizer Control Input.
35
IN_B1
Input
High Speed Input Complement.
36
IP_B1
Input
High Speed Input.
38
IN_B0
Input
High Speed Input Complement.
39
IP_B0
Input
High Speed Input.
42
ON_C1
Output
High Speed Output Complement.
43
OP_C1
Output
High Speed Output.
45
ON_C0
Output
High Speed Output Complement.
46
OP_C0
Output
High Speed Output.
48
LB_C
Control
Port A Loopback Control Input, Active High.
49
LB_B
Control
Port B Loopback Control Input, Active High.
50
LB_A
Control
Port C Loopback Control Input, Active High.
51
LOS_INT
Interrupt
Loss of Signal Interrupt, Active High. Initialization sequence
required; see the Applications Information section.
52
PE_C
Control
Port A Preemphasis Control Input, Active High.
53
PE_B
Control
Port B Preemphasis Control Input, Active High.
54
PE_A
Control
Port C Preemphasis Control Input, Active High.
57
IN_C1
Input
High Speed Input Complement.
58
IP_C1
Input
High Speed Input.
60
IN_C0
Input
High Speed Input Complement.
61
IP_C0
Input
High Speed Input.
62
SEL1
Control
Lane 1 A/B Switch Control Input.
63
SEL0
Control
Lane 0 A/B Switch Control Input.
64
BICAST
Control
Enable Bicast for Port A and Port B Outputs, Active High.
EPAD
Power
The exposed pad on the bottom of the package must be
electrically connected to VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com