Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A89505GESSR Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A89505GESSR
Description  Full-Bridge PWM Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A89505GESSR Datasheet(HTML) 4 Page - Allegro MicroSystems

  A89505GESSR Datasheet HTML 1Page - Allegro MicroSystems A89505GESSR Datasheet HTML 2Page - Allegro MicroSystems A89505GESSR Datasheet HTML 3Page - Allegro MicroSystems A89505GESSR Datasheet HTML 4Page - Allegro MicroSystems A89505GESSR Datasheet HTML 5Page - Allegro MicroSystems A89505GESSR Datasheet HTML 6Page - Allegro MicroSystems A89505GESSR Datasheet HTML 7Page - Allegro MicroSystems A89505GESSR Datasheet HTML 8Page - Allegro MicroSystems A89505GESSR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Full-Bridge PWM Gate Driver
A89505
4
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
VBB Supply Current
IBB
–
6
10
mA
SLEEPn = low, Standby Mode, VBB ≤ 20 V
–
–
5
µA
SLEEPn = low, Standby Mode
–
–
12
µA
GATE DRIVE
High-Side Gate Drive Output
VGH
Relative to VBB, IGATE = 200 µA, VBB = 8 to 50 V
6.5
6.8
7.5
V
Relative to VBB, IGATE = 200 µA, VBB = 5.5 V
–
5.2
–
V
Low-Side Gate Drive Output
VGL
IGATE = 200 µA, VBB = 8 to 50 V
6.5
6.8
7.5
V
IGATE = 200 µA, VBB = 5.5 V
–
5.4
–
V
Gate Drive Pull-Up Current
IGPU
RISET = 30 kΩ; VGH = VGL = 4 V
21
30
39
mA
Gate Drive Pull-Down Current
IGPD
RISET = 30 kΩ; VGH = VGL = 4 V
47
68
89
mA
Dead-Time
tDT
–
1000
–
ns
Passive Pull-Down Resistance
RGPD
30
50
70
kΩ
LOGIC INPUT AND OUTPUT
Logic Output Voltage
VOCLn
I = 2 mA, overcurrent detected
–
0.2
0.3
V
Logic Output Leakage
IOCLn
V = 5 V, normal operation
–
–
5
µA
PWM Current Limit Flag Timer
tOCLn
300
500
650
µs
Logic Input Voltage
VIH
2.0
–
–
V
VIL
–
–
0.8
V
VIL(SLEEPn)
SLEEPn input
–
–
0.4
V
Logic Input Hysteresis
VHYS
–
320
–
mV
Logic Input Pull-Down Resistor
RPD
30
50
70
kΩ
VREF Input Current
IVREF
VREF = 2.5 V
–5
<1
5
µA
VREF Input Range
VREF
0
–
2.5
V
Current Gain
AV
VREF / VSENSE, VREF = 2.5 V
9.5
–
10.5
V/V
Input Offset, SENSE
VOSSENSE
–10
–
10
mV
Fixed Off-Time
tOFF
RRC = 30 kΩ, CRC = 1 nF
–
30
–
µs
Percent Fast Decay
PFD
Internal PWM chop
–
13
–
%
Blank-Time
tBLK
RRC = 30 kΩ, CRC = 1 nF
2.1
3
3.9
µs
Power-Up Delay
tpu
Time until outputs are enabled
–
50
300
µs
AIOUT Gain
AIOUT
AIOUT / VSENSE, VSENSE = 50 to 200 mV
9
10
11
V/V
Input Offset, AIOUT
VOSAIOUT
–15
–
15
mV
Sample-and-Hold Accuracy
VSH(ACC)
–
15
–
mV
Sample-and-Hold Droop Rate
VDROOP
–
–
1
mV/µs
AIOUT Output Impedance
ROUT(AIOUT)
0.75
1.00
1.45
kΩ
ELECTRICAL CHARACTERISTICS: Valid at TJ = –40°C to 150°C (-K variant), TJ = 25°C (-G variant), VBB = 5.5 to 50 V,
unless otherwise specified
Continued on next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com