Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A89505GESSR Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A89505GESSR
Description  Full-Bridge PWM Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A89505GESSR Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A89505GESSR Datasheet HTML 4Page - Allegro MicroSystems A89505GESSR Datasheet HTML 5Page - Allegro MicroSystems A89505GESSR Datasheet HTML 6Page - Allegro MicroSystems A89505GESSR Datasheet HTML 7Page - Allegro MicroSystems A89505GESSR Datasheet HTML 8Page - Allegro MicroSystems A89505GESSR Datasheet HTML 9Page - Allegro MicroSystems A89505GESSR Datasheet HTML 10Page - Allegro MicroSystems A89505GESSR Datasheet HTML 11Page - Allegro MicroSystems A89505GESSR Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Full-Bridge PWM Gate Driver
A89505
8
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Mixed Decay
When the peak current is reached, as set by the sense resistor and
voltage on VREF, the PWM current limiter initiates an off-time.
The off-time is determined by the resistor and capacitor on the
RC terminal. In mixed-decay mode, the driver will initiate a fast
decay, after a dead-time, for 13% of the programmed off-time.
After the fast-decay time expires, the bridge will switch to slow
decay for the remaining off-time. When the bridge is operating
in fast decay, it will internally prevent current reversal by putting
the bridge in a high-Z state if the current through the sense resis-
tor falls close to zero.
OCLn Output
An open-drain logic output will be driven low to indicate system
operation. The OCLn terminal is driven low under two condi-
tions:
1. When the system is limiting current to value set by VREF and
RSENSE. Once overcurrent events are no longer detected, the
A89505 will release the indication after a time tOCLn.
2. When a VDS fault is detected, the OCLn terminal is driven
low. It is released when the fault is reset.
The OCLn terminal, in combination with the AIOUT terminal,
can provide valuable information about how the system is behav-
ing:
• Overcurrent events can indicate a motor stall condition, in
which case the system controller can respond to the fault
condition by reducing PWM duty. When OCLn is low and the
voltage on AIOUT is greater than 0 V, the controller is actively
limiting current with the internal, fixed off-time PWM current
limiter.
• In the case of a VDS fault, the OCLn terminal is also driven
low, but the AIOUT voltage will be 0 V, because the bridge
has been disabled. This notifies the user that a VDS fault has
occurred and the driver has been disabled.
AIOUT
An analog output can be used to monitor current through the
external sense resistor (if used). The SENSE voltage is gained by
a factor of 10 and fed to the AIOUT terminal. A sample-and-hold
circuit is used to capture the voltage across the sense resistor and
holds it during periods when the voltage is not representative of
the current in the motor. The AIOUT Output diagram illustrates
when the voltage is held. The held voltage will droop at a rate
equal to VDROOP. In the case of a VDS fault on the bridge, the
AIOUT terminal will be discharged to zero volts.
Charge Pump
The charge pump is used to generate a supply above VBB to
drive the high-side MOSFETs. The VCP voltage is internally
monitored and, in the case of a fault condition, the outputs of the
device are disabled.
MOSFET VDS Protection
The drain-to-source voltage is monitored across the MOSFET
any time the MOSFET is on. If the voltage across the MOSFET
exceeds VDSTH, the bridge is disabled and latched off.
In order to prevent false VDS faults, the VDS monitor is blanked
immediately after any MOSFET is turned on. The VDS monitor
waits for a blank-time defined by the components on the RC ter-
minal before monitoring the VDS level. During the off-time when
SR is active, VDS blanking is fixed at 1 μs.
VDS Fault
When a VDS fault occurs, and the bridge is disabled, and the
fault is latched, the OCLn terminal is immediately driven low.
The latch can only be reset by going into standby or by dropping
VBB below the UVLO threshold.
Standby Mode
Low power standby mode is activated when SLEEPn is brought
low. Standby mode disables most of the internal circuitry, includ-
ing the charge pump and internal regulator. When coming out
of standby mode, the A89505 requires up to 300 μs before the
outputs can respond to input commands.
TSD
If the die temperature increases to approximately TTSD, the full
bridge outputs will be disabled until the internal temperature falls
below TTSD minus a hysteresis level of THYS.
Fault Shutdown
In the event of a fault due to excessive junction temperature,
or low voltage on VCP or VBB, the outputs of the device are
disabled until the fault condition is removed. At power-up, the
UVLO circuit disables the drivers until the UVLO thresholds are
exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com