Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A89505GESSR Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A89505GESSR
Description  Full-Bridge PWM Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A89505GESSR Datasheet(HTML) 2 Page - Allegro MicroSystems

  A89505GESSR Datasheet HTML 1Page - Allegro MicroSystems A89505GESSR Datasheet HTML 2Page - Allegro MicroSystems A89505GESSR Datasheet HTML 3Page - Allegro MicroSystems A89505GESSR Datasheet HTML 4Page - Allegro MicroSystems A89505GESSR Datasheet HTML 5Page - Allegro MicroSystems A89505GESSR Datasheet HTML 6Page - Allegro MicroSystems A89505GESSR Datasheet HTML 7Page - Allegro MicroSystems A89505GESSR Datasheet HTML 8Page - Allegro MicroSystems A89505GESSR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Full-Bridge PWM Gate Driver
A89505
2
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Load Supply Voltage
VBB
50
V
Motor Outputs
VSx
VSx – VSENSE; VBB – VSx
–2 to 52
V
SENSE
VSENSE
–0.5 to 0.5
V
tW < 500 ns
–4 to 4
V
OCLn
VOCLn
–0.3 to 5.5
V
VREF
VREF
–0.3 to 5.5
V
ISET
VISET
–0.3 to 5.5
V
AIOUT
VAIOUT
–0.3 to 5.5
V
Logic Input Voltage Range
VIN
SLEEPn, IN1, IN2
–0.3 to 5.5
V
Junction Temperature
TJ
150
°C
Storage Temperature Range
TS
–55 to 150
°C
Operating Temperature Range
TA
K temperature range
–40 to 135
°C
G temperature range
–40 to 125
°C
THERMAL CHARACTERISTICS: May require derating at maximum conditions; see application information
Characteristic
Symbol
Test Conditions*
Value
Unit
ES Package
RθJA
4-Layer PCB, 1 in.2 copper
37
°C/W
LP Package
4-Layer PCB, 1 in.2 copper
28
°C/W
*Power dissipation and thermal limits must be observed.
SPECIFICATIONS
SELECTION GUIDE
Part Number
Ambient
Temperature
Range
Package
Packing
Notes
A89505KESSR-J
–40°C to 135°C
4 mm × 4 mm 20-contact QFN package
with exposed thermal pad and wettable flank
6000 pieces per 13-inch reel
AEC-Q100 Qualified
A89505KLPTR
–40°C to 135°C
20-lead eTSSOP with exposed thermal pad
4000 pieces per 13-inch reel
A89505GESSR
–40°C to 125°C
4 mm × 4 mm 20-contact QFN package
with exposed thermal pad
6000 pieces per 13-inch reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com