Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A89505GESSR Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A89505GESSR
Description  Full-Bridge PWM Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A89505GESSR Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A89505GESSR Datasheet HTML 3Page - Allegro MicroSystems A89505GESSR Datasheet HTML 4Page - Allegro MicroSystems A89505GESSR Datasheet HTML 5Page - Allegro MicroSystems A89505GESSR Datasheet HTML 6Page - Allegro MicroSystems A89505GESSR Datasheet HTML 7Page - Allegro MicroSystems A89505GESSR Datasheet HTML 8Page - Allegro MicroSystems A89505GESSR Datasheet HTML 9Page - Allegro MicroSystems A89505GESSR Datasheet HTML 10Page - Allegro MicroSystems A89505GESSR Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Full-Bridge PWM Gate Driver
A89505
7
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
Device Operation
The A89505 is designed to operate DC motors. The output
drivers are capable of 50 V with gate-driver capability for an all
N-channel external MOSFET H-bridge. Control logic includes
synchronous rectification to reduce power dissipation. Cur-
rent limit is regulated by fixed off-time pulse-width-modulated
(PWM) control circuitry.
Internal PWM Current Control
Peak current is regulated by monitoring the voltage on an exter-
nal sense resistor.
I=
PEAK
V
REF
(10 × R)
SENSE
When the peak current is exceeded, the source driver turns off
for a fixed period tOFF to chop the current. The outputs operate
in mixed-decay mode during tOFF. Refer to the Fixed Off-Time
Setting section to set tOFF.
The internal current-sense circuit is ignored for tBLANK after
PWM transitions. The comparator output is blanked to prevent
false overcurrent detection due to reverse recovery currents of the
clamp diodes, or switching transients related to the capacitance of
the load, or both. Refer to the Blank-Time Setting section to set
tBLANK.
Brake
It is important to note that the internal PWM current-control
circuit will not limit the current when braking, since the current
does not flow through the sense resistor. The maximum current
can be approximated by VBEMF / RMOTOR. Care should be taken
to ensure that the maximum ratings of the external MOSFET are
not exceeded in worst-case braking situations of high speed and
high inertial loads.
ISET
A resistor from ISET terminal to ground sets the magnitude of
the gate current. The sink and source current ratios are fixed at
approximately 2-to-1 where the pull-down current is approxi-
mately two times the pull-up current. RISET should be between
15 and 150 kΩ.
The formula for determining the gate drive is:
I
(mA) =
GATE_HS
900
R(k )
ISET
1.9 +
I
(mA) = 3.5 +
GATE_LS
1700
R(k )
ISET
RC
The RC terminal is used to set both fixed off-time and blank-time
for the internal PWM current control. Refer to the following three
sections to select RC component values.
Fixed Off-Time Setting
The internal PWM current-control circuitry uses a one-shot to
control the time the drivers remain off. The one-shot off-time
(tOFF) is determined by the selection of an external resistor and
capacitor connected from the RC timing terminal to ground. The
off-time, over a range of values of CRC = 470 to 1500 pF and
RRC = 12 to 100 kΩ, is approximated by:
t
OFF
RC
RC
= R× C+ dead time
Blank-Time Setting
This circuit blanks the output of the current-sense comparator
when the outputs are switched by the internal current-control
circuitry or by an external PWM chop command. The comparator
blanking time, tBLANK, is determined by the selection of an exter-
nal resistor and capacitor connected from the RC timing terminal
to ground, and is approximated by:
t
BLANK
RC
= 2.6 µs × C (nF) × e
(3.6/R
(k))
RC
Slow Decay
In slow-decay mode, the low-side switch stays on and the
high-side switch turns off. Due to the synchronous rectification
feature, the complementary low-side switch turns on after a dead-
time.
Fast Decay SR
In fast-decay mode, the high-side and low-side switches turn off,
and the complementary pair of switches is turned on, effectively
reversing the voltage polarity across the motor winding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com