Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A89505GESSR Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A89505GESSR
Description  Full-Bridge PWM Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A89505GESSR Datasheet(HTML) 1 Page - Allegro MicroSystems

  A89505GESSR Datasheet HTML 1Page - Allegro MicroSystems A89505GESSR Datasheet HTML 2Page - Allegro MicroSystems A89505GESSR Datasheet HTML 3Page - Allegro MicroSystems A89505GESSR Datasheet HTML 4Page - Allegro MicroSystems A89505GESSR Datasheet HTML 5Page - Allegro MicroSystems A89505GESSR Datasheet HTML 6Page - Allegro MicroSystems A89505GESSR Datasheet HTML 7Page - Allegro MicroSystems A89505GESSR Datasheet HTML 8Page - Allegro MicroSystems A89505GESSR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Designed for pulse-width-modulated (PWM) control of DC
motors, the A89505 is capable of 50 V operation and provides
gate drive for an all N-channel external MOSFET bridge.
Input terminals are provided for use in controlling the speed and
direction of a DC motor with externally applied PWM control
signals. Internal synchronous rectification control circuitry is
provided to lower power dissipation during PWM operation.
Internal circuit protection includes VDS protection, thermal
shutdown with hysteresis, undervoltage monitoring of VBB,
and crossover-current protection.
TheA89505 is supplied in a low-profile 4 mm × 4 mm, 20-contact
QFN package (suffix “ES”) and a 20-lead eTSSOP (suffix
“LP”), both with exposed thermal pad.
A89505-DS, Rev. 4
MCO-0001098
• Standard IN1/IN2 control logic
• Overcurrent indication
• Adjustable off-time and blank-time
• Adjustable current limit
• Adjustable gate drive
• Synchronous rectification
• Internal UVLO
• Crossover-current protection
• MOSFET VDS protection
• Voltage output proportional to load current
• AEC-Q100 qualified
Full-Bridge PWM Gate Driver
PACKAGES:
Functional Block Diagram
Not to scale
A89505
CHARGE PUMP
VREG
UVLO
TSD
ISET
RC
SLEEPn
IN1
IN2
STANDBY
Control
Logic
VCP
GATE
DRIVE
VCP
VBB
GHA
GHB
SB
SA
OCLn
AIOUTHOLD
VREF
×10
÷10
OCL
Filter
+
–
GLA
GLB
SENSE
GND
System
Controller
optional
0.1 µF
0.1 µF
VIN
GHA
SA
GLA
R
SENSE
Inrush current limit =
V/10 * R
REF
SENSE
optional
reverse-battery protection
FEATURES AND BENEFITS
DESCRIPTION
20-Pin QFN (suffix “ES”)
with Exposed Thermal Pad
20-Pin eTSSOP (suffix “LP”)
with Exposed Thermal Pad
August 8, 2022


Similar Part No. - A89505GESSR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A89500 ALLEGRO-A89500 Datasheet
756Kb / 13P
100 V Half-Bridge MOSFET Driver
A89500GEJTR-T ALLEGRO-A89500GEJTR-T Datasheet
756Kb / 13P
100 V Half-Bridge MOSFET Driver
A89500KEJSR ALLEGRO-A89500KEJSR Datasheet
756Kb / 13P
100 V Half-Bridge MOSFET Driver
A89503 ALLEGRO-A89503 Datasheet
1Mb / 45P
80 V Automotive Half-Bridge MOSFET Driver
A89503KLPTR-3 ALLEGRO-A89503KLPTR-3 Datasheet
1Mb / 45P
80 V Automotive Half-Bridge MOSFET Driver
More results

Similar Description - A89505GESSR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
FULL-BRIDGE PWM MOTOR DRIVER
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
Full-Bridge PWM Gate Driver
A4956 ALLEGRO-A4956 Datasheet
376Kb / 11P
Full-Bridge PWM Gate Driver
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
Full-Bridge PWM Gate Driver
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com