Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A89505GESSR Datasheet (PDF) - Allegro MicroSystems

A89505GESSR Datasheet PDF - Allegro MicroSystems
Part # A89505GESSR
Download  A89505GESSR Download
File Size   884.0 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Full-Bridge PWM Gate Driver

A89505GESSR Datasheet (PDF)

Go To PDF Page Download Datasheet
A89505GESSR Datasheet PDF - Allegro MicroSystems

Part # A89505GESSR
Download  A89505GESSR Click to download

File Size   884.0 Kbytes
Page   13 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Full-Bridge PWM Gate Driver

A89505GESSR Datasheet (HTML) - Allegro MicroSystems


A89505GESSR Product details

FEATURES AND BENEFITS
• Standard IN1/IN2 control logic
• Overcurrent indication
• Adjustable off-time and blank-time
• Adjustable current limit
• Adjustable gate drive
• Synchronous rectification
• Internal UVLO
• Crossover-current protection
• MOSFET VDS protection
• Voltage output proportional to load current
• AEC-Q100 qualified
DESCRIPTION
Designed for pulse-width-modulated (PWM) control of DC
motors, the A89505 is capable of 50 V operation and provides
gate drive for an all N-channel external MOSFET bridge.
Input terminals are provided for use in controlling the speed and
direction of a DC motor with externally applied PWM control
signals. Internal synchronous rectification control circuitry is
provided to lower power dissipation during PWM operation.
Internal circuit protection includes VDS protection, thermal
shutdown with hysteresis, undervoltage monitoring of VBB,
and crossover-current protection.
The A89505 is supplied in a low-profile 4 mm × 4 mm, 20-contact
QFN package (suffix “ES”) and a 20-lead eTSSOP (suffix
“LP”), both with exposed thermal pad




Similar Part No. - A89505GESSR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A89500 ALLEGRO-A89500 Datasheet
756Kb / 13P
100 V Half-Bridge MOSFET Driver
A89500GEJTR-T ALLEGRO-A89500GEJTR-T Datasheet
756Kb / 13P
100 V Half-Bridge MOSFET Driver
A89500KEJSR ALLEGRO-A89500KEJSR Datasheet
756Kb / 13P
100 V Half-Bridge MOSFET Driver
A89503 ALLEGRO-A89503 Datasheet
1Mb / 45P
80 V Automotive Half-Bridge MOSFET Driver
A89503KLPTR-3 ALLEGRO-A89503KLPTR-3 Datasheet
1Mb / 45P
80 V Automotive Half-Bridge MOSFET Driver
More results


Similar Description - A89505GESSR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
FULL-BRIDGE PWM MOTOR DRIVER
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
Full-Bridge PWM Gate Driver
A4956 ALLEGRO-A4956 Datasheet
376Kb / 11P
Full-Bridge PWM Gate Driver
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
Full-Bridge PWM Gate Driver
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
Full-Bridge PWM Motor Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com