Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523K Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD5523K
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523K Datasheet(HTML) 2 Page - Leadtrend Technology

  LD5523K Datasheet HTML 1Page - Leadtrend Technology LD5523K Datasheet HTML 2Page - Leadtrend Technology LD5523K Datasheet HTML 3Page - Leadtrend Technology LD5523K Datasheet HTML 4Page - Leadtrend Technology LD5523K Datasheet HTML 5Page - Leadtrend Technology LD5523K Datasheet HTML 6Page - Leadtrend Technology LD5523K Datasheet HTML 7Page - Leadtrend Technology LD5523K Datasheet HTML 8Page - Leadtrend Technology LD5523K Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LD5523K
05/16/2018
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523K-DS-00 May 2018
Pin Configuration
DIP-8 (TOP VIEW)
SOT-26 (TOP VIEW)
YY, Y
: Year code (D: 2004, E: 2005
…..)
WW, W : Week code
PP
: Production code
t23K
: LD5523K
1
2
3
4
5
6
GND COMP
FB
OUT
VCC
CS
YWt
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
YYWWPP
23K
pp
Ordering Information
Part number
Package
TOP MARK
Shipping
LD5523K GL
SOT-26
(Green Package)
YWt/23K
3000 /tape & reel
LD5523K GN
DIP-8
(Green Package)
LD5523K
3600 /tube /Carton
The LD5523K is RoHs compliant/ green packaged.
Protection Mode
Product
Name
Switching
Freq.
VCC_OVP
FB_OVP
OSCP
OLP
BNI/BNO
Bulk cap
OVP
CS_OTP
Int. OTP
SDSP
LD5523K
65kHz
Auto
recovery
Auto
recovery
Auto
recovery
Auto
recovery
Auto
recovery
Auto
recovery
Auto
recovery
Auto
recovery
Auto
recovery
Pin Descriptions
NAME
PIN
(SOT-26)
Pin
(DIP-8)
FUNCTION
GND
1
8
Ground
COMP
2
7
Output of the error amplifier for voltage compensation
FB
3
5
Auxiliary voltage sense, brown in/out and Quasi Resonant detection
CS
4
4
Current sense pin, connect to sense the MOSFET current
VCC
5
2
Supply voltage pin
OUT
6
1
Gate drive output to drive the external MOSFET
NC
3
Unconnected Pin
NC
6
Unconnected Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com