Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523K Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD5523K
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523K Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD5523K Datasheet HTML 8Page - Leadtrend Technology LD5523K Datasheet HTML 9Page - Leadtrend Technology LD5523K Datasheet HTML 10Page - Leadtrend Technology LD5523K Datasheet HTML 11Page - Leadtrend Technology LD5523K Datasheet HTML 12Page - Leadtrend Technology LD5523K Datasheet HTML 13Page - Leadtrend Technology LD5523K Datasheet HTML 14Page - Leadtrend Technology LD5523K Datasheet HTML 15Page - Leadtrend Technology LD5523K Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
LD5523K
05/16/2018
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523K-DS-00 May 2018
Over
Load
Protection
(OLP)
-
Auto
Recovery
To protect the circuit from damage due to over-load
condition and short or open-loop condition, the LD5523K
is implemented with smart OLP function. It also features
auto
–recovery function; see Fig. 16 for the waveform. In
case of fault condition, the feedback system will force the
voltage loop toward the saturation and then pull the
voltage high on COMP pin (VCOMP). When the VCOMP
ramps up to the OLP threshold of 2.8V and continues over
OLP delay time, the protection will be activated and then
turn off the gate output to stop the switching of power
circuit.
With the protection mechanism, the average input power
will be minimized to remain the component temperature
and stress within the safe operating area.
VCC
UVLO(on)
UVLO(off)
t
t
COMP
OLP
2.8V
t
OUT
OLP delay time
Switching
Switching
Non-Switching
OLP trip Level
UVLO(off)
OLP Reset
Fig. 16
Adjustable Over Current Compensation on
FB Pin
For compensating the differential input current from
high/low line conditions on current sensing resistor,
LD5523K mirrors compensation current IOCP from IFB to
CS pin. The relationship of compensation current IOCP and
IFB is expressed by following equation and shown in Fig.
17.
FB
OCP
I
K
I
, where
5
7
.
0
K
K is the mirror current ratio of FB pin, and the IOCP follows
to the input voltage. When the VCOMP ramps up to the IOCP
threshold of 1.5V, the compensation current is added. The
VCOMP hysteresis of IOCP is 0.15V.
The compensation current IOCP supplies an offset voltage
by external resistor ROCP, which is series between the
current sensing resistor RS and CS pin. By selecting a
proper value of the resistor ROCP in series with the CS pin,
the amount of compensation can be adjusted.
IFB
IOCP
105µA
300µA
78.75µA
225µA
Fig. 17
Output Short Circuit Protection (OSCP) -
Auto Recovery
The OSCP function can prevent the damage from output
short circuit. Once the output is shorted, Vo and VCC drop
immediately, which always reflects the auxiliary winding
during the gate off region. Therefore, as VFB is lower than
0.8V during gate off region, then the FB_UVP is triggered,
and skips one cycle. According to the close loop control,
COMP voltage will pull high in the meanwhile. If the
VCOMP pulls higher than 2.8V over 13 ms and Vcc drops
below 9.6V. At this time, the OSCP protection will be
triggered and turn off the gate driving.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com