Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523K Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD5523K
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523K Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD5523K Datasheet HTML 6Page - Leadtrend Technology LD5523K Datasheet HTML 7Page - Leadtrend Technology LD5523K Datasheet HTML 8Page - Leadtrend Technology LD5523K Datasheet HTML 9Page - Leadtrend Technology LD5523K Datasheet HTML 10Page - Leadtrend Technology LD5523K Datasheet HTML 11Page - Leadtrend Technology LD5523K Datasheet HTML 12Page - Leadtrend Technology LD5523K Datasheet HTML 13Page - Leadtrend Technology LD5523K Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LD5523K
05/16/2018
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523K-DS-00 May 2018
If VDS voltage falls to resonant valley level from max
plateau value, the QRD comparator will be tripped while
FB pin current is close to 20
A.
However, the QR detection will be influenced by
propagation delay. If inductance of primary winding is less
than 500
H, there is no valley detection in Vds (as shown
in Fig. 11).
L<500μ
H
Vaux.
0V
VQRD(IFB=20µA)
t
TPD
TPD
Fig. 11
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431 at
the secondary side through the photo-coupler to the
COMP pin of the LD5523K. Similar to UC3842, the
LD5523K would without voltage offset to feed the voltage
divider at the ratio of RA and RB, that is,
COMP
COMPARATOR
V
RB
RA
RB
)
PWM
(
V
A pull-high resistor is embedded internally and therefore
no external one is required.
The LD5523K integrates the multi-mode PWM controller,
and for enhance the light load efficiency, the comp pin
value corresponding to the frequency is as shown in Fig.
12.
VCOMP
FSW
65kHz
24kHz
0.5V 0.6V
Green Mode + QR PWM/CCM
1.1V
1.45V
Max. frequency depends on LM
Fig. 12
Current Sensing, Leading Edge Blanking
The typical current mode of PWM controller feedbacks
both current signal and voltage signal to close the control
loop and achieve regulation. The LD5523K detect the
primary MOSFET current from the CS pin, which is not
only for the peak current mode control but also for the
pulse-by-pulse current limit. The
maximum
voltage
threshold of the current sensing pin sets at 0.5V. From
above, the MOSFET peak current can be obtained from
below.
CS
)
MAX
(
PEAK
R
V
5
.
0
I
A 275ns leading-edge blanking (LEB) time is included in
the input of CS pin to prevent the false-trigger from the
current spike. In the low power application, if the total
pulse width of the turn-on spike is less than 275ns and the
negative spike on the CS pin doesn
’t exceed -0.3V, it
could remote the R-C filter (as shown in the Fig. 13).
However, the total pulse width of the turn-on spike is
decided by the output power, circuit design and PCB
layout. It is strongly recommended to adopt a smaller R-C
filter (as shown in Fig. 14) for higher power application to
avoid the CS pin being damaged by the negative turn-on
spike.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com