Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523K Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5523K
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523K Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5523K Datasheet HTML 9Page - Leadtrend Technology LD5523K Datasheet HTML 10Page - Leadtrend Technology LD5523K Datasheet HTML 11Page - Leadtrend Technology LD5523K Datasheet HTML 12Page - Leadtrend Technology LD5523K Datasheet HTML 13Page - Leadtrend Technology LD5523K Datasheet HTML 14Page - Leadtrend Technology LD5523K Datasheet HTML 15Page - Leadtrend Technology LD5523K Datasheet HTML 16Page - Leadtrend Technology LD5523K Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LD5523K
05/16/2018
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523K-DS-00 May 2018
Brown-In / Brown-Out Protection (BNI/BNO)
and Bulk Cap OVP - Auto Recovery
The LD5523K integrates the brown in/out and bulk cap
protections and valley detection into FB pin. The auxiliary
voltage reflects a proportional bulk voltage during the on
time. Fix the internal current at the BNI and BNO, the BNI
level could be set by modulating the FB divided resistors
and auxiliary voltage, as shown in Fig. 18. For preventing
the abnormal condition of line voltage to causing damage,
BNO function is implemented, while turns off the gate
signal after de-bounce time 75ms as BNO occurring, as
shown in Fig. 19. The relationship of input voltage and
BNI/BNO is expressed in following equation.
VDC_BNI =
NP
Na
∙ IBNI ∙ R1
VDC_BNO =
NP
Na
∙ IBNO ∙ R1
VDC_BULK _OVP =
NP
Na
∙ IBULK _OVP ∙ R1
, where
VDC_BNI is predicted BNI DC value of input voltage.
VDC_BNO is predicted BNO DC value of input voltage.
VDC_BNULK_OVP is predicted BULK OVP DC value of input
voltage.
IBNI is BNI trip current.
IBNO is BNO trip current.
IBULK_OVP is BULK OVP trip current.
Np is turns ration of primary-side winding.
Na is turns ration of auxiliary winding.
LD5523K
R1
R2
VCC
FB
GND
Va
VFB
Fig. 18
t
Vcc
t
OUT
Switching
Non-Switching
t
IFB
t
Line Voltage
Non-
Switching
Normal Range
UVLO(on)
UVLO(off)
95µA
85µA
Fig. 19
Over Voltage Protection on FB Pin (FB OVP)
- Auto Recovery
An output overvoltage protection is implemented in the
LD5523K. The auxiliary winding voltage can be reflected
from secondary winding, in which the FB pin voltage is
proportional to output voltage during the gate off time.
OVP is worked by sensing the auxiliary voltage via the
divided resistors R2, referring to Fig. 18. The equation of
FB OVP is shown as follows.
R2 =
R1 ∙ VFB_OVP
Va − VFB_OVP
Va =
Na
NS
VO + VF
VFB_OVP is the FB pin OVP trip voltage level. Va is the
auxiliary winding voltage which reflects from the forward
voltage VF of Schottky diode and output voltage VO. NS is
turns ration of secondary-side winding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com