Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523K Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD5523K
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523K Datasheet(HTML) 3 Page - Leadtrend Technology

  LD5523K Datasheet HTML 1Page - Leadtrend Technology LD5523K Datasheet HTML 2Page - Leadtrend Technology LD5523K Datasheet HTML 3Page - Leadtrend Technology LD5523K Datasheet HTML 4Page - Leadtrend Technology LD5523K Datasheet HTML 5Page - Leadtrend Technology LD5523K Datasheet HTML 6Page - Leadtrend Technology LD5523K Datasheet HTML 7Page - Leadtrend Technology LD5523K Datasheet HTML 8Page - Leadtrend Technology LD5523K Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LD5523K
05/16/2018
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523K-DS-00 May 2018
Block Diagram
OUT
internal bias
& Vref
GND
Vref OK
PG
28V
VCC
OCP
Comparator
Protection
UVLO
Comparator
Driver
Stage
OVP
Comparator
VCC OK
FB
R
S
Q
CS
Vcs_limit
Int. OTP
Gate-off
COMP
QRD
Vbias
VOLP
OLP
OLP
Comparator
OVP
LEB
16.5V/7V
Detection
Output Voltage
Detection
Over Current
Compensation
BNI/BNO
Protection Logic
VCC_OVP OLP
FB_OVP
FB_UVP
Protection
Oscillator
QRD
Detection
Counter
QRD
Time-Out 1
Time-Out 2
QRD
RA=2.3R
RB=1R
+
+
Slope
Compensation
PDR
+
-
Int. OTP
Bulk Voltage
Detection
Bulk_OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com