Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5523K Datasheet(PDF) 14 Page - Leadtrend Technology

Part # LD5523K
Description  Multi-Mode PWM Controller of Flyback with Integrated BNI/BNO and Bulk cap. OVP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5523K Datasheet(HTML) 14 Page - Leadtrend Technology

Back Button LD5523K Datasheet HTML 9Page - Leadtrend Technology LD5523K Datasheet HTML 10Page - Leadtrend Technology LD5523K Datasheet HTML 11Page - Leadtrend Technology LD5523K Datasheet HTML 12Page - Leadtrend Technology LD5523K Datasheet HTML 13Page - Leadtrend Technology LD5523K Datasheet HTML 14Page - Leadtrend Technology LD5523K Datasheet HTML 15Page - Leadtrend Technology LD5523K Datasheet HTML 16Page - Leadtrend Technology LD5523K Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
LD5523K
05/16/2018
14
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5523K-DS-00 May 2018
If VFB is greater than the FB OVP trip level, the internal
counter starts counting 8 cycles, and then LD5523K goes
to auto-recovery protection mode till the FB OVP status is
defused.
Over Temperature Protection on CS Pin (CS
OTP) - Auto Recovery
LD5523K is implemented over temperature protection on
CS pin which senses voltage to determine NTC status
during gate off region. As VCS is greater than 0.5V and
continues for 5.4ms, CS_OTP is triggered, than LD5523K
is in auto recovery mode till the temperature drops to
setting work condition.
Oscillator and Switching Frequency
The LD5523K is implemented with Frequency Swapping
function which helps the power supply designers to both
optimize EMI performance and lower system cost.
Secondary Diode Short Protection (SDSP) -
Auto Recovery
The method that the LD5523K judges the logic of SDSP is
described briefly as follows. When VCS is higher than
1.3V, it will reduce the frequency first, even the Ton <
LEB+TPD. When the count is up to 4 times, its gate will be
turned-off, shown as Fig. 20.
Fig. 20
Green Mode Operation
By using the green-mode control, the switching frequency
can be reduced under the light load condition. This feature
helps to improve the efficiency in light load conditions.
The green-mode control is Leadtrend Technology
’s own
property.
Fault Protection
There are several critical protections integrated in the
LD5523K to prevent from damage to the power supply.
Those damages usually come from open or short
conditions on the pins of LD5523K.
In case under such conditions listed below, the gate
output will turn off immediately to protect the power circuit.
1.
CS pin floating
2.
COMP pin floating
Comp
CS
1.3V
4 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com