Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320FCT10ZB6F Datasheet(PDF) 65 Page - STMicroelectronics

Part # M28W320FCT10ZB6F
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT10ZB6F Datasheet(HTML) 65 Page - STMicroelectronics

Back Button M28W320FCT10ZB6F Datasheet HTML 61Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 62Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 63Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 64Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 65Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 66Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 67Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 68Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
M28W320FCT, M28W320FCB
Command interface and Program/Erase Controller state
65/69
Erase Setup
“1”
Status
Erase Command Error
Erase
(continue)
Erase
CmdError
Erase
(continue)
Erase Command
Error
Erase
Cmd.Error
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read Sts
Read
Array
Erase
(continue)
“0”
Status
Erase (continue)
Erase Sus
Read Sts
Erase (continue)
Erase Sus
Read Sts
“1”
Status
Erase Sus
Read
Array
Program
Setup
Erase Sus
Read
Array
Erase
(continue)
Erase Sus
Read
Array
Erase
(continue)
Erase
Sus
Read Sts
Erase
Sus Read
Array
Erase Sus
Read Array
“1”
Array
Erase Sus
Read
Array
Program
Setup
Erase Sus
Read
Array
Erase
(continue)
Erase Sus
Read
Array
Erase
(continue)
Erase
Sus
Read Sts
Erase
Sus Read
Array
Erase Sus
Read
Elect.Sg.
“1”
Electronic
Signature
Erase Sus
Read
Array
Program
Setup
Erase Sus
Read
Array
Erase
(continue)
Erase Sus
Read
Array
Erase
(continue)
Erase
Sus
Read Sts
Erase
Sus Read
Array
Erase Sus
Read CFI
“1”
CFI
Erase Sus
Read
Array
Program
Setup
Erase Sus
Read
Array
Erase
(continue)
Erase Sus
Read
Array
Erase
(continue)
Erase
Sus
Read Sts
Erase
Sus Read
Array
Erase
(complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read Sts
Read
Array
1.
Cmd = Command, Elect.Sg. = Electronic Signature, Ers = Erase, Prog. = Program, Prot = Protection, Sus = Suspend.
Table 32.
Write State Machine Current/Next, sheet 1 of 2.(1) (continued)
Current
State
SR
bit
7
Data
When
Read
Command Input (and Next State)
Read
Array
(FFh)
Program
Setup
(10/40h)
Erase
Setup
(20h)
Erase
Confirm
(D0h)
Prog/Ers
Suspend
(B0h)
Prog/Ers
Resume
(D0h)
Read
Status
(70h)
Clear
Status
(50h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com