Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320FCT10ZB6F Datasheet(PDF) 28 Page - STMicroelectronics

Part # M28W320FCT10ZB6F
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT10ZB6F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M28W320FCT10ZB6F Datasheet HTML 24Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 25Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 26Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 27Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 28Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 29Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 30Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 31Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
Status Register
M28W320FCT, M28W320FCB
28/69
6
Status Register
The Status Register provides information on the current or previous Program or Erase
operation. The various bits convey information and errors on the operation. To read the
Status register the Read Status Register command can be issued, refer to Read Status
Register Command section. To output the contents, the Status Register is latched on the
falling edge of the Chip Enable or Output Enable signals, and can be read until Chip Enable
or Output Enable returns to VIH. Either Chip Enable or Output Enable must be toggled to
update the latched data.
Bus Read operations from any address always read the Status Register during Program and
Erase operations.
The bits in the Status Register are summarized in Table 11: Status Register Bits. Refer to
Table 11 in conjunction with the following text descriptions.
6.1
Program/Erase Controller Status (Bit 7)
The Program/Erase Controller Status bit indicates whether the Program/Erase Controller is
active or inactive. When the Program/Erase Controller Status bit is Low (set to ‘0’), the
Program/Erase Controller is active; when the bit is High (set to ‘1’), the Program/Erase
Controller is inactive, and the device is ready to process a new command.
The Program/Erase Controller Status is Low immediately after a Program/Erase Suspend
command is issued until the Program/Erase Controller pauses. After the Program/Erase
Controller pauses the bit is High.
During Program, Erase, operations the Program/Erase Controller Status bit can be polled to
find the end of the operation. Other bits in the Status Register should not be tested until the
Program/Erase Controller completes the operation and the bit is High.
After the Program/Erase Controller completes its operation the Erase Status, Program
Status, VPP Status and Block Lock Status bits should be tested for errors.
6.2
Erase Suspend Status (Bit 6)
The Erase Suspend Status bit indicates that an Erase operation has been suspended or is
going to be suspended. When the Erase Suspend Status bit is High (set to ‘1’), a
Program/Erase Suspend command has been issued and the memory is waiting for a
Program/Erase Resume command.
The Erase Suspend Status should only be considered valid when the Program/Erase
Controller Status bit is High (Program/Erase Controller inactive). Bit 7 is set within 30µs of
the Program/Erase Suspend command being issued therefore the memory may still
complete the operation rather than entering the Suspend mode.
When a Program/Erase Resume command is issued the Erase Suspend Status bit returns
Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com