Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320FCT10ZB6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M28W320FCT10ZB6F
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT10ZB6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M28W320FCT10ZB6F Datasheet HTML 14Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 15Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 16Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 17Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 18Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 19Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 20Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 21Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
Command interface
M28W320FCT, M28W320FCB
18/69
4.5
Block Erase command
The Block Erase command can be used to erase a block. It sets all the bits within the
selected block to ’1’. All previous data in the block is lost. If the block is protected then the
Erase operation will abort, the data in the block will not be changed and the Status Register
will output the error.
Two Bus Write cycles are required to issue the command.
1.
The first bus cycle sets up the Erase command.
2.
The second latches the block address in the internal state machine and starts the
Program/Erase Controller.
If the second bus cycle is not Write Erase Confirm (D0h), Status Register bits b4 and b5 are
set and the command aborts.
Erase aborts if Reset turns to VIL. As data integrity cannot be guaranteed when the Erase
operation is aborted, the block must be erased again.
During Erase operations the memory will accept the Read Status Register command and
the Program/Erase Suspend command, all other commands will be ignored. Typical Erase
times are given in Table 8: Program, Erase Times and Program/Erase Endurance Cycles.
See Appendix C, Figure 20: Erase Flowchart and Pseudo Code, for a suggested flowchart
for using the Erase command.
4.6
Program command
The memory array can be programmed word-by-word. Two bus write cycles are required to
issue the Program Command.
1.
The first bus cycle sets up the Program command.
2.
The second latches the Address and the Data to be written and starts the
Program/Erase Controller.
During Program operations the memory will accept the Read Status Register command and
the Program/Erase Suspend command. Typical Program times are given in Table 8:
Program, Erase Times and Program/Erase Endurance Cycles.
Programming aborts if Reset goes to VIL. As data integrity cannot be guaranteed when the
program operation is aborted, the block containing the memory location must be erased and
reprogrammed.
See Appendix C, Figure 16: Program Flowchart and Pseudo Code, for the flowchart for
using the Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com