Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320FCT10ZB6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M28W320FCT10ZB6F
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT10ZB6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M28W320FCT10ZB6F Datasheet HTML 17Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 18Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 19Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 20Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 21Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 22Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 23Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 24Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
M28W320FCT, M28W320FCB
Command interface
21/69
4.13
Block Lock command
The Block Lock command is used to lock a block and prevent Program or Erase operations
from changing the data in it. All blocks are locked at power-up or reset.
Two Bus Write cycles are required to issue the Block Lock command.
1.
The first bus cycle sets up the Block Lock command.
2.
The second Bus Write cycle latches the block address.
The lock status can be monitored for each block using the Read Electronic Signature
command. Table 10 shows the protection status after issuing a Block Lock command.
The Block Lock bits are volatile, once set they remain set until a hardware reset or power-
down/power-up. They are cleared by a Blocks Unlock command. Refer to the section, Block
Locking, for a detailed explanation.
4.14
Block Unlock command
The Block Unlock command is used to unlock a block, allowing the block to be programmed
or erased. Two Bus Write cycles are required to issue the Block Unlock command.
1.
The first bus cycle sets up the Block Unlock command.
2.
The second Bus Write cycle latches the block address.
The lock status can be monitored for each block using the Read Electronic Signature
command. Table 10 shows the protection status after issuing a Block Unlock command.
Refer to the section, Block Locking, for a detailed explanation.
4.15
Block Lock-Down command
A locked block cannot be Programmed or Erased, or have its protection status changed
when WP is low, VIL. When WP is high, VIH, the Lock-Down function is disabled and the
locked blocks can be individually unlocked by the Block Unlock command.
Two Bus Write cycles are required to issue the Block Lock-Down command.
1.
The first bus cycle sets up the Block Lock command.
2.
The second Bus Write cycle latches the block address.
The lock status can be monitored for each block using the Read Electronic Signature
command. Locked-Down blocks revert to the locked (and not locked-down) state when the
device is reset on power-down. Table 10 shows the protection status after issuing a Block
Lock-Down command. Refer to the section, Block Locking, for a detailed explanation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com