Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320FCT10ZB6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M28W320FCT10ZB6F
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT10ZB6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M28W320FCT10ZB6F Datasheet HTML 9Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 10Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 11Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 12Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 13Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 14Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 15Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 16Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
M28W320FCT, M28W320FCB
Signal descriptions
13/69
minimized. After Reset all blocks are in the Locked state. When Reset is at VIH, the device is
in normal operation. Exiting reset mode the device enters read array mode, but a negative
transition of Chip Enable or a change of the address is required to ensure valid data outputs.
2.8
VDD supply voltage
VDD provides the power supply to the internal core of the memory device. It is the main
power supply for all operations (Read, Program and Erase).
2.9
VDDQ supply voltage
VDDQ provides the power supply to the I/O pins and enables all Outputs to be powered
independently from VDD. VDDQ can be tied to VDD or can use a separate supply.
2.10
VPP Program supply voltage
VPP is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin. The Supply Voltage VDD and the Program Supply Voltage
VPP can be applied in any order.
If VPP is kept in a low voltage range (0V to 3.6V) VPP is seen as a control input. In this case
a voltage lower than VPPLK gives an absolute protection against program or erase, while
VPP > VPP1 enables these functions (see Table 15: DC Characteristics). VPP is only sampled
at the beginning of a Program or Erase; a change in its value after the operation has started
does not have any effect on Program or Erase, however for Double or Quadruple Word
Program the results are uncertain.
If VPP is in the range 11.4V to 12.6V it acts as a power supply pin. In this condition VPP must
be stable until the Program/Erase algorithm is completed (see Table 17 and Table 18).
2.11
VSS ground
VSS is the reference for all voltage measurements.
Note: Each device in a system should have VDD, VDDQ and VPP decoupled with a 0.1µF
capacitor close to the pin. See Figure 7: AC Measurement Load Circuit. The PCB trace
widths should be sufficient to carry the required VPP program and erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com