Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4680 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MP4680
Description  Video processor with automatic cut-off and white level control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MP4680 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MP4680 Datasheet HTML 6Page - NXP Semiconductors MP4680 Datasheet HTML 7Page - NXP Semiconductors MP4680 Datasheet HTML 8Page - NXP Semiconductors MP4680 Datasheet HTML 9Page - NXP Semiconductors MP4680 Datasheet HTML 10Page - NXP Semiconductors MP4680 Datasheet HTML 11Page - NXP Semiconductors MP4680 Datasheet HTML 12Page - NXP Semiconductors MP4680 Datasheet HTML 13Page - NXP Semiconductors MP4680 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1996 Oct 25
10
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4680
Table 2
Cut-off and white level measurement lines; notes 1 to 3
Notes
1. The line numbers given are those of the horizontal pulse counts after the start of the vertical component of the
sandcastle pulse.
2. * line frequency of approximately 31 kHz.
3. (EB) is extended blanking.
Table 3
Signal input selection by the fast source switches; notes 1 to 4
Notes
1. H: logical HIGH implies that the voltage >0.9 V.
2. L: logical LOW implies that the voltage <0.4 V.
3. X = don’t care.
4. ON indicates the selected input signal.
VBW2
VBW1
VBW0
R
G
B
WHITE
STANDARD
0
0
0
19
20
21
22
PAL/SECAM
0
0
1
16
17
18
19
NTSC/PAL M
0
1
0
22
23
24
25
PAL/SECAM (EB)
1
0
0
38, 39
40, 41
42, 43
44, 45
PAL*/SECAM*
1
0
1
32, 33
34, 35
36, 37
38, 39
NTSC*/PAL M*
1
1
0
44, 45
46, 47
48, 49
50, 51
PAL*/SECAM* (EB)
I2C-BUS CONTROL BITS
ANALOG SWITCH SIGNALS
INPUT SELECTED
FSON2 FSDIS2 FSON1 FSDIS1
FSW2
(PIN 1)
FSW1
(PIN 13)
RGB2
RGB1
Y/CD
LLLL
L
L
ON
LH
ON
HX
ON
LLL
H
L
X
ON
HX
ON
LL
H
X
L
X
ON
HX
ON
LHL
L
X
L
ON
XH
ON
LHLH
X
X
ON
LH
H
X
X
X
ON
H
XXX
X
X
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com