Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4680 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MP4680
Description  Video processor with automatic cut-off and white level control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MP4680 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MP4680 Datasheet HTML 11Page - NXP Semiconductors MP4680 Datasheet HTML 12Page - NXP Semiconductors MP4680 Datasheet HTML 13Page - NXP Semiconductors MP4680 Datasheet HTML 14Page - NXP Semiconductors MP4680 Datasheet HTML 15Page - NXP Semiconductors MP4680 Datasheet HTML 16Page - NXP Semiconductors MP4680 Datasheet HTML 17Page - NXP Semiconductors MP4680 Datasheet HTML 18Page - NXP Semiconductors MP4680 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1996 Oct 25
15
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4680
GENERAL
I14
input current
V14 < 0.5 V
−100 −−
µA
td
leading edge delay of the clamping
pulse
control bit DELOF = 0
−
1.5
−µs
control bit DELOF = 1
−
0
−µs
tBK
required burst key pulse time
control bit DELOF = 0;
normally used with fL
3
−−
µs
control bit DELOF = 1;
normally used with 2fL
1.5
−−
µs
npulse
required horizontal or burst key pulses
during vertical blanking interval
e.g. at interlace scan
(VBW2 = 0)
4
−
29
−
e.g. at progressive line
scan (VBW2 = 1)
8
−
57
−
Average beam current limiting (pin 15); note 7
Vc(15)
contrast reduction starting voltage
−
4.0
−
V
∆Vc(15)
voltage difference for full contrast
reduction
−−2.0
−
V
Vbr(15)
brightness reduction starting voltage
−
2.5
−
V
∆Vbr(15)
voltage difference for full brightness
reduction
−−1.6
−
V
Peak drive limiting voltage [pin 16; internal peak drive limiting level (Vpdl) acts on RGB outputs under I2C-bus
control; sub-address 0AH]; note 8
V20/22/24
RGB output voltages
at 00H
−−
3.0
V
at 3FH
6.5
−−
V
I16
charge current
−−1
−µA
discharge current
during peak white
−
5
−
mA
V16
internal voltage limitation
4.5
−−
V
Vc(16)
contrast reduction starting voltage
−
4.0
−
V
∆Vc(16)
voltage difference for full contrast
reduction
−−2.0
−
V
Vbr(16)
brightness reduction starting voltage
−
2.5
−
V
∆Vbr(16)
voltage difference for full brightness
reduction
−−1.6
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com