Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4680 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MP4680
Description  Video processor with automatic cut-off and white level control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MP4680 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MP4680 Datasheet HTML 12Page - NXP Semiconductors MP4680 Datasheet HTML 13Page - NXP Semiconductors MP4680 Datasheet HTML 14Page - NXP Semiconductors MP4680 Datasheet HTML 15Page - NXP Semiconductors MP4680 Datasheet HTML 16Page - NXP Semiconductors MP4680 Datasheet HTML 17Page - NXP Semiconductors MP4680 Datasheet HTML 18Page - NXP Semiconductors MP4680 Datasheet HTML 19Page - NXP Semiconductors MP4680 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1996 Oct 25
16
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4680
Automatic cut-off and white level control (pins 19 and 18); notes 9 to 11; see Fig.8
V19
permissible voltage (also during
scanning period)
−−
VP − 1.4 V
I19
output current
−−
−140
µA
input current
150
−−
µA
additional input current
only during warming up
−
0.5
−
mA
V24,22,20
warming up amplitude (under I2C-bus
control; sub-address 0AH)
switch-on delay 1
−
Vpdl − 0.7 −
V
V19(th)
voltage threshold for picture tube
cathode warming up
switch-on delay 1
−
5.0
−
V
Vref
internally controlled voltage
during leakage
measurement period
−
3.0
−
V
DATA BYTE 07H FOR RED REFERENCE LEVEL, DATA BYTE 08H FOR GREEN REFERENCE LEVEL AND DATA BYTE 09H FOR BLUE
REFERENCE LEVEL
∆V19
difference between VMEAS (cut-off or
white level measurement voltage) and
Vref
3FH (maximum VMEAS)
1.5
−−
V
20H (nominal VMEAS)
−
1.0
−
V
00H (minimum VMEAS)
−−
0.5
V
I18
input current
white level measurement
−−
800
µA
R18
internal resistance
to Vref; I18 ≤ 800 µA
−
100
−Ω
∆V19
white level register (measured value
within tolerance range)
white level measurement
−
250
−
mV
Storage of cut-off control voltage/output clamping voltage (pins 25, 23 and 21)
I21/23/25
charge and discharge currents
during cut-off
measurement lines
−
0.3
−
mA
input currents of storage inputs
outside measurement
time
−−
0.1
µA
Storage of leakage information (pin 17)
I17
charge and discharge currents
during leakage
measurement period
−
0.4
−
mA
leakage current
outside time LM
−−
0.1
µA
V17
voltage for reset to switch-on below
−−
3.0
V
Hue control (under I2C-bus control; sub-address 03H; data byte 3FH for maximum voltage; data byte 20H for
nominal voltage and data byte 00H for minimum voltage); note 12
V26
output voltage
at 3FH
4.8
−−
V
at 20H
−
3.0
−
V
at 00H
−−
1.0
V
Iint
current of the internal current source
at pin 26
500
−−
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com