Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4680 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MP4680
Description  Video processor with automatic cut-off and white level control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MP4680 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MP4680 Datasheet HTML 7Page - NXP Semiconductors MP4680 Datasheet HTML 8Page - NXP Semiconductors MP4680 Datasheet HTML 9Page - NXP Semiconductors MP4680 Datasheet HTML 10Page - NXP Semiconductors MP4680 Datasheet HTML 11Page - NXP Semiconductors MP4680 Datasheet HTML 12Page - NXP Semiconductors MP4680 Datasheet HTML 13Page - NXP Semiconductors MP4680 Datasheet HTML 14Page - NXP Semiconductors MP4680 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1996 Oct 25
11
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4680
Table 4
2-bit white level error signals; bits CX1 and CX0
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
CX1
CX0
INTERPRETATION
0
0
RAR (Reset-After-Read): no new measurements since last read
1
0
actual (measured) white level less than the tolerance range
1
1
actual (measured) white level within the tolerance range
0
1
actual (measured) white level greater than the tolerance range
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 5)
−
8.8
V
Vi
input voltage (pins 1 to 8, 10 to 13, 16, 21, 23 and 25)
−0.1
+VP
V
input voltage (pins 14, 15, 18 and 19)
−0.7
VP + 0.7
V
input voltage (pins 27 and 28)
−0.1
+8.8
V
Iav
average current (pins 20, 22 and 24)
+4
−10
mA
IM
peak current (pins 20, 22 and 24)
+4
−20
mA
I18
input current
0
2
mA
I26
output current
+0.5
−8mA
Tstg
storage temperature
−20
+150
°C
Tamb
operating ambient temperature
0
70
°C
Ptot
total power dissipation
SOT117-1
−
1.2
W
SOT261-2
−
1.0
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com