Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4680 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MP4680
Description  Video processor with automatic cut-off and white level control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MP4680 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MP4680 Datasheet HTML 13Page - NXP Semiconductors MP4680 Datasheet HTML 14Page - NXP Semiconductors MP4680 Datasheet HTML 15Page - NXP Semiconductors MP4680 Datasheet HTML 16Page - NXP Semiconductors MP4680 Datasheet HTML 17Page - NXP Semiconductors MP4680 Datasheet HTML 18Page - NXP Semiconductors MP4680 Datasheet HTML 19Page - NXP Semiconductors MP4680 Datasheet HTML 20Page - NXP Semiconductors MP4680 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
1996 Oct 25
17
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4680
Notes to the characteristics
1. The values of the
−(B − Y) and −(R − Y) colour difference input signals are for a 75% colour-bar signal.
2. The pins are capacitively coupled to a low ohmic source, with a recommended maximum output impedance of 600
Ω.
3. The white potentiometers affect the amplitudes of the RGB output signals including the white measurement pulses.
4. The RGB outputs at pins 24, 22 and 20 are emitter followers with current sources.
5. Sandcastle pulses are compared with internal threshold voltages independent of VP. The threshold voltages
separate the components of the sandcastle pulse. The particular component is generated when the voltage on pin 14
exceeds the defined internal threshold voltage.
The internal threshold voltages (control bit SC5 = 0) are:
1.5 V for horizontal and vertical blanking pulses
3.5 V for horizontal pulses
6.0 V for the burst key pulse.
The internal threshold voltages (control bit SC5 = 1) are:
1.5 V for horizontal and vertical blanking pulses
3.5 V for the burst key pulse.
6. A sandcastle pulse with a maximum voltage equal to (VP + 0.7 V) is obtained by limiting a 12 V sandcastle pulse.
7. Average beam current limiting reduces the contrast, at minimum contrast it reduces the brightness.
8. Peak drive limiting reduces the RGB outputs by reducing the contrast, at minimum contrast it reduces the brightness.
The maximum RGB outputs are determined via the I2C-bus under sub-address 0AH. When an RGB output exceeds
the maximum voltage, peak drive limiting is delayed by one horizontal line.
I2C-bus transceiver clock SCL (pin 28)
fSCL
input frequency range
0
−
100
kHz
VIL
LOW level input voltage
−−
1.5
V
VIH
HIGH level input voltage
3.0
−
6.0
V
IIL
LOW level input current
V28 = 0.4 V
−10
−−
µA
IIH
HIGH level input current
−−
10
µA
tL
clock pulse LOW
4.7
−−
µs
tH
clock pulse HIGH
4.0
−−
µs
tr
rise time
−−
1.0
µs
tf
fall time
−−
0.3
µs
I2C-bus transceiver data input/output SDA (pin 27)
VIL
LOW level input voltage
−−
1.5
V
VIH
HIGH level input voltage
3.0
−
6.0
V
IIL
LOW level input current
V27 = 0.4 V
−10
−−
µA
IIH
HIGH level input current
−−
10
µA
IOL
LOW level output current
V27 = 0.4 V
3.0
−−
mA
tr
rise time
−−
1.0
µs
tf
fall time
−−
0.3
µs
tSU;DAT
data set-up time
0.25
−−
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com