Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4680 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MP4680
Description  Video processor with automatic cut-off and white level control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MP4680 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MP4680 Datasheet HTML 10Page - NXP Semiconductors MP4680 Datasheet HTML 11Page - NXP Semiconductors MP4680 Datasheet HTML 12Page - NXP Semiconductors MP4680 Datasheet HTML 13Page - NXP Semiconductors MP4680 Datasheet HTML 14Page - NXP Semiconductors MP4680 Datasheet HTML 15Page - NXP Semiconductors MP4680 Datasheet HTML 16Page - NXP Semiconductors MP4680 Datasheet HTML 17Page - NXP Semiconductors MP4680 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
1996 Oct 25
14
Philips Semiconductors
Product specification
Video processor with automatic cut-off
and white level control
TDA4680
RGB outputs (pins 24, 22 and 20; positive going output signals and no peak drive limitation;
sub-address 0AH = 3FH); note 4
Vo(b-w)
nominal output signals
(black-to-white value)
−
2.0
−
V
maximum output signals
(black-to-white value)
3.2
−−
V
∆Vo
spread between RGB output signals
−−
10
%
Vo
output voltages
6.8
−
0.8
V
V24,22,20
voltage of cut-off measurement line
output clamping
(BCOF = 1)
2.3
2.5
2.7
V
Iint
internal current sources
−
5.0
−
mA
Ro
output resistance
−
65
110
Ω
Frequency response
d
frequency response of Y path
(from pin 8 to pins 24, 22, 20)
f = 10 MHz
−−
3dB
frequency response of CD path
(from pins 7 to 24 and 6 to 20)
f = 8 MHz
−−
3dB
frequency response of RGB1 path
(from pins 10 to 24, 11 to 22 and
12 to 20)
f = 10 MHz
−−
3dB
frequency response of RGB2 path
(from pins 2 to 24, 3 to 22 and 4 to 20)
f = 10 MHz
−−
3dB
Sandcastle pulse detector (pin 14)
CONTROL BIT SC5 = 0; 3-LEVEL; notes 5 and 6
V14
sandcastle pulse voltage
for horizontal and vertical blanking
pulses
2.0
2.5
3.0
V
for horizontal pulses (line count)
4.0
4.5
5.0
V
for burst key pulses
6.3
−
VP + 0.7 V
CONTROL BIT SC5 = 1; 2-LEVEL; note 5
V14
sandcastle pulse voltage
for horizontal and vertical blanking
pulses
2.0
2.5
3.0
V
for burst key pulses
4.0
4.5
VP + 0.7 V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com