Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100CCPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADIN1100CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100CCPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADIN1100CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
Data Sheet
ADIN1100
ON-CHIP DIAGNOSTICS
analog.com
Rev. B | 32 of 80
TEST MODES
The ADIN1100 provides several test modes as described in Sub-
clause 146.5.2 from the IEEE 802.3cgTM-2019 standard that allows
testing of the transmitter waveform, distortion, jitter, and droop.
These test modes change only the data symbols provided to the
transmitter circuitry and do not alter the electrical and jitter charac-
teristics of the transmitter and receiver from the normal operation.
Additionally, the ADIN1100 supports the transmit disable mode as
described in Subclause 45.2.1.186a.2.
Table 24. ADIN1100 Test Modes Summary
Test Mode
Description
PMA Test Modes
(Subclause 146.5.2)
Test Mode 1
Transmitter output voltage and timing jitter test mode.
When this mode is selected, the ADIN1100 repeatedly
transmits the data symbol sequence (+1, –1).
Test Mode 2
Transmitter output droop test mode. In this mode, the
ADIN1100 transmits ten +1 symbols followed by ten
−1 symbols. This sequence is repeated indefinitely.
Test Mode 3
Normal operation in idle mode test mode. In this
mode, the ADIN1100 transmits as in non test opera-
tion and in the master data mode with the data set to
normal interframe idle signals.
Transmit Disable Mode
(Subclause 45.2.1.186a.2)
Both transmit and receive paths act like in normal
operation mode but only transmit 0 symbols. This
mode can be used to measure the MDI return loss
specified in Subclause 146.8.3.
Enable the PMA Test Mode 1 to Test Mode 3
The ADIN1100 can be configured in one of the PMA test modes
(Test Mode 1 to Test Mode 3) using the following procedure:
1. Enter software power-down mode by writing a 1 to the
CRSM_SFT_PD bit in the CRSM_SFT_PD_CNTRL register
(see the Software Power-Down Control Register section).
2. Check that the ADIN1100 has entered software power-down
mode by reading the CRSM_SFT_PD_RDY bit in the
CRSM_STAT register (see the System Status Register).
3. Disable autonegotiation by writing a 0 to the AN_EN bit in
the AN_CONTROL register (see the BASE-T1 Autonegotiation
Control Register section).
4. Set autonegotiation forced mode by writing a 1 to the
AN_FRC_MODE_EN bit in the AN_FRC_MODE_EN register
(see the Autonegotiation Forced Mode Enable Register).
5. Select the desired test mode by writing the appropri-
ate value to the B10L_TX_TEST_MODE bits in the
B10L_TEST_MODE_CNTRL register (see the 10BASE-T1L
Test Mode Control Register section). Table 25 outlines the bit
settings for each PMA test mode.
6. Exit software power-down mode by writing 0 to the
CRSM_SFT_PD bit in the CRSM_SFT_PD_CNTRL register
(see the Software Power-Down Control Register section).
Table 25. PMA Test Modes Configuration
PMA Test Mode
B10L_TX_TEST_MODE, Bits[15:13] (Binary)
Test Mode 1
001
Test Mode 2
010
Test Mode 3
011
Enable Transmit Disable Mode
System Status RegisterThe ADIN1100 can be configured in trans-
mit disable mode using the following procedure:
1. Enter software power-down mode by writing a 1 to the
CRSM_SFT_PD bit in the CRSM_SFT_PD_CNTRL register
(see the Software Power-Down Control Register section).
2. Check that the ADIN1100 has entered the software power-
down mode by reading the CRSM_SFT_PD_RDY bit in the
CRSM_STAT register (see the System Status Register section).
3. Disable autonegotiation by writing a 0 to the AN_EN bit in
the AN_CONTROL register (see the BASE-T1 Autonegotiation
Control Register section).
4. Set autonegotiation forced mode by writing a 1 to the
AN_FRC_MODE_EN bit in the AN_FRC_MODE_EN register
(see the Autonegotiation Forced Mode Enable Register sec-
tion).
5. Set the transmit disable mode by writing a 1 to the
B10L_TX_DIS_MODE_EN bit in the B10L_PMA_CNTRL regis-
ter (see the 10BASE-T1L PMA Control Register section).
6. Exit software power-down mode by writing 0 to the
CRSM_SFT_PD bit in the CRSM_SFT_PD_CNTRL register
(see the Software Power-Down Control Register section).
TIME DOMAIN REFLECTOMETRY (TDR)
Given that the 10BASE-T1L compliant PHY enables communication
over long cables, debugging a faulty cable can become costly and
difficult without the right tools. To help with this, Analog Devices
10BASE-T1L products provide a TDR engine that enables cable
fault detection, distance to fault, and cable length estimation.
The diagnostics solution is the combination of a highly accurate
on-chip TDR engine and a set of algorithms that run on a host
microcontroller, allowing maximum flexibility for a wide variety of
cables and more advanced cable diagnostic capabilities.
Figure 16. ADIN1100 TDR Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com