Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100CCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADIN1100CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100CCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIN1100CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
Data Sheet
ADIN1100
THEORY OF OPERATION
analog.com
Rev. B | 17 of 80
Master/Slave Advertisement
On a 10BASE-T1L link, a local node and its remote link partner
advertise their role capabilities whether they can operate as master,
slave, prefer master, or prefer slave.
The ADIN1100 PHY provides the following functions:
►
Master/slave configuration advertisement
►
Forced master/slave configuration advertisement
►
Read link partner master/slave configuration
Master/Slave Configuration Advertisement
The master/slave configuration register bit (AN_ADV_MST) is used
to configure the PHY to advertise its master/slave configuration.
Note that this bit is configured after power-up, hardware reset, or
software reset based on the MS_SEL configuration pin signal status
and can be overridden by software via the MDIO interface.
Forced Master/Slave Configuration
Advertisement
The ADIN1100 PHY can be forced to operate as a master/slave.
Forced configuration must be used with caution because a config-
uration fault can occur if the link partner is also set in forced
mode as a master/slave, resulting in autonegotiation failure. The
ADIN1100 can be forced to operate as a master or slave using
the force master/slave configuration bit (AN_ADV_FORCE_MS)
in the BASE-T1 autonegotiation advertisement register, Bits[15:0]
(AN_ADV_ABILITY_L).
Read Link Partner Master/Slave Configuration
The link partner advertised master/slave setting can be read using
the following bits:
►
AN_LP_ADV_FORCE_MS: link partner force master/slave con-
figuration register bit
►
AN_LP_ADV_MST: link partner master/slave configuration regis-
ter bit
These bits are updated during the autonegotiation process and
are valid when the autonegotiation complete register bit (AN_COM-
PLETE) is set.
Master/Slave Resolution
Determination of Master/Slave Configuration
On a 10BASE-T1L link, when the local and remote PHYs have the
same preferred configuration, for example, both slave or both mas-
ter, autonegotiation randomly assigns compatible configurations to
the local and remote PHYs. When one PHY has a forced configura-
tion, its master/slave configuration is given priority over a PHY with
a preferred setting.
Master/Slave Configuration Resolution
The ADIN1100 master/slave configuration defined by the autonego-
tiation can be checked using the master/slave resolution result
register bits (AN_MS_CONFIG_RSLTN). The bits indicate if the
PHY is configured as master or slave or if there was a configuration
fault.
These bits are updated during the autonegotiation process and
are valid when the autonegotiation complete register bit (AN_COM-
PLETE) is set.
Table 12. Determination of Master/Slave by Autonegotiation
Local1
Remote1
Local
Remote
AN_ADV_FORCE_MS
AN_ADV_MST
AN_LP_ADV_FORCE_MS
AN_LP_ADV_MST
Master/Slave Resolution
0
0
0
0
Master/slave
Slave/master
0
0
0
1
Slave
Master
0
1
0
0
Master
Slave
0
1
0
1
Master/slave
Slave/master
0
X
1
0
Master
Slave
0
X
1
1
Slave
Master
1
0
0
X
Slave
Master
1
1
0
X
Master
Slave
1
0
1
0
Configuration fault
Configuration fault
1
0
1
1
Slave
Master
1
1
1
0
Master
Slave
1
1
1
1
Configuration fault
Configuration fault
1 X means don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com