Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100CCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADIN1100CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100CCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADIN1100CCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
Data Sheet
ADIN1100
SPECIFICATIONS
analog.com
Rev. B | 5 of 80
Table 1. General Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK25_REF Clock Output
CLK25_REF Frequency
25
MHz
VOH
1.05
V
Load = 10 pF
VOL
0
V
Load = 10 pF
CLK25_REF Duty Cycle
45
55
%
Load = 10 pF
LongTerm Jitter (RMS)
40
ps
1 Load capacitance (CL) = ((C1 × C2)/(C1 + C2) + CSTRAY), where CSTRAY is the stray capacitance including routing and package parasitics.
2 RP and CP are the values of the equivalent parallel RC circuit to ac ground (RP||CP), modeling the driving point impedance of the XTAL_I/CLK_IN pin.
Table 2. 10BASE-T1L Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
Supply Voltage Range
AVDD_H
3.13
3.3
3.46
V
2.4 V p-p or 1.0 V p-p transmit level
AVDD_L
1.71
1.8 or 3.3
3.46
V
AVDD_H, AVDD_L
1.71
1.8
3.46
V
1.0 V p-p transmit level
DVDD_1P1
1.0
1.1
1.2
V
VDDIO
1.71
1.8, 2.5, or 3.3
3.46
V
1.0 V p-p Transmit Level (Single Supply)
AVDD_H = AVDD_L = VDDIO = 1.8 V,
DVDD_1P1 = DLDO_1P1
AVDD_x Supply Current, IAVDD
25
mA
Power Consumption
45
mW
100% data throughput, full activity
11
mW
Software power-down mode
1.0 V p-p Transmit Level (Dual Supply)
AVDD_H = AVDD_L = VDDIO = 1.8 V,
DVDD_1P1 = external 1.1 V
AVDD_x Supply Current, IAVDD
16
mA
DVDD_1P1 Supply Current, IDVDD
9
mA
Power Consumption
39
mW
100% data throughput, full activity
2.4 V p-p Transmit Level (Single Supply)
AVDD_H = AVDD_L = VDDIO = 3.3 V,
DVDD_1P1 = DLDO_1P1
Supply Current, IAVDD
33
mA
Power Consumption
109
mW
100% data throughput, full activity
22
mW
Software power-down mode
2.4 V p-p Transmit Level (Dual Supply)
AVDD_H = 3.3 V, AVDD_L = VDDIO = 1.8 V,
DVDD_1P1 = DLDO_1P1
AVDD_x Supply Current, IAVDD
16.5
mA
VDDIO Supply Current, IVDDIO
15
mA
Power Consumption
81
mW
100% data throughput, full activity
11
mW
Software power-down mode
2.4 V p-p Transmit Level (Triple Supply)
AVDD_H = 3.3 V, AVDD_L = VDDIO = 1.8 V,
DVDD_1P1 = external 1.1 V
AVDD_x Supply Current, IAVDD
16.5
mA
VDDIO Supply Current, IVDDIO
6
mA
DVDD_1P1 Supply Current, IDVDD
9
mA
Power Consumption
75
mW
100% data throughput, full activity
ANALOG INPUTS AND OUTPUTS
MDI Gain Offset
−7.5
+3.5
%
TIMING/LATENCY
MII Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com