Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100CCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADIN1100CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100CCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIN1100CCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
Data Sheet
ADIN1100
THEORY OF OPERATION
analog.com
Rev. B | 20 of 80
STATUS LEDS
Overview
The LED_0 and LED_1 is only available in ADIN1100 pins can be
used to connect external LEDs to indicate the ADIN1100 link status
and transmit or receive activity. The activity assigned to each LED
is configurable through LED_CNTRL (see the LED Control Register
section).
The LED pins are suitable for ultra low power LEDs. The maximum
output current for the LED_0 and LED_1 pins is 8 mA with a
VDDIO = 3.3 V. For higher LED power requirements, the use of an
external transistor is recommended, as described in the Transistor
Controlled LED section.
The LED_x pins can also be connected to a host microcontroller
GPIO (configured as a pulse-width modulated input or hardware
interrupt). This configuration can be useful in applications where the
user interface must be fully handled by an external host controller
(for example, an external LED module or display).
If the LED_0 and LED_1 pins are directly connected to a host
controller, it is recommended to place a low value resistance in
series between the ADIN1100 LED_x pins and the host controller
to avoid any potential current surge. The resistor value must be
defined based on host controller capabilities and the ADIN1100
LED_x pin output current capabilities listed in Table 1.
LED Pin Multiplexing
For the LED_1 pin only, an internal multiplexer must be configured
to enable the LED_1 signal on the pin. LED_1 is disabled by default
and can be enabled using the DIGIO_LED1_PINMUX bits (see the
Pin Mux Configuration 1 Register section).
The LED_0 pin does not need multiplexing.
LED Polarity
The LED_0 and LED_1 pins can be configured to support various
LED circuit polarities through the LED polarity mode feature (see
the LED Polarity Register section). Three polarity modes are availa-
ble for each LED, as follows:
►
Autosense (default)
►
Active high
►
Active low
In autosense mode, the ADIN1100 automatically senses the pin at
power-up or reset to select the appropriate polarity configuration.
In active high mode, the ADIN1100 is configured to drive the LED
from the anode side.
In active low mode, the ADIN1100 is configured to drive the LED
from the cathode side.
Example circuits are described in the LED Circuit Examples sec-
tion.
LED Function
LED_0 and LED_1 can be configured to display various activities
of the ADIN1100 using the LED function feature. The LED function
is configurable using the LED0_FUNCTION and LED1_FUNCTION
bits (see the LED Control Register section).
Note that the 7, 8, 9, and 10 (decimal) bit settings for LEDx_FUNC-
TION are not available in LED Mode 2.
LED Mode
LED_0 and LED_1 activity behavior can be configured using the
two LED modes, as follows:
►
LED Mode 1: blink duty cycle defined using the
LED0_BLINK_TIME_CNTRL (see the LED_0 On/Off Blink Time
Register section)
►
LED Mode 2: blink duty cycle automatically defined by the
ADIN1100 based on activity level (%)
LED_x Pins Configuration Summary
See Table 13 for the configuration options of the LED_x pins.
Table 13. LED_x Pins Configuration Summary
Parameter
LED_0
LED_1
Pin Number
3
6 (ADIN1100 only)
Internal Pull-Up or Pull-Down Resistor
Pull-up
Pull-down
Status at Power-Up or Reset
Enabled
Disabled (via pin mux)
LED Pin Mux
Not applicable
DIGIO_LED1_PINMUX bits (see the Pin Mux Configuration
1 Register section)
Enable LED
LED0_EN bit (see the LED Control Register section)
LED1_EN bit (see the LED Control Register section)
LED Polarity
LED0_POLARITY bits (see the LED Polarity Register section)
LED1_POLARITY bits (see the LED Polarity Register
section)
LED Mode
LED0_MODE bit (see the LED Control Register section), default:
LED Mode 1
LED1_MODE bit (see the LED Control Register section),
default: LED Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com