Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100CCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADIN1100CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100CCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIN1100CCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
Data Sheet
ADIN1100
THEORY OF OPERATION
analog.com
Rev. B | 16 of 80
Transmit Amplitude Resolution
Overview
Autonegotiation supports the following features to define the trans-
mit amplitude to use between a local node and its link partner:
►
Advertise the high voltage transmit ability from the local node
►
Request to use the high voltage transmit level from the local
node
►
Read the link partner transmit level ability and transmit level
request
►
Autonegotiation and transmit level operating mode selection
If the ADIN1100 is configured in high voltage mode, the autonego-
tiation process determines the level to use based on the link partner
capabilities.
Determination of Transmit Level Resolution
For a 10BASE-T1L link, if either the local or remote PHY advertises
that it is not capable of supporting the high level (2.4 V p-p) transmit
operating mode or if neither the local nor remote PHY advertises a
request for high level (2.4 V p-p) transmit operating mode, the result
is operation at the 1.0 V p-p transmit level.
If both the local and remote PHYs advertise that they are capable
of transmitting in the high level (2.4 V p-p) transmit operating mode
and if either the local or remote PHY advertises a request for high
level (2.4 V p-p) transmit operating mode, the result is operation at
the 2.4 V p-p transmit level.
Thus, a PHY can ensure that the device must operate at the 1.0 V
p-p transmit level. But it can only request operation at the 2.4 V p-p
transmit level.
Software Configuration
The ADIN1100 transmit level can also be configured in software us-
ing the following 10BASE-T1L autonegotiation advertisement bits:
►
AN_ADV_B10L_TX_LVL_HI_ABL: high level transmit operating
mode ability bit
►
AN_ADV_B10L_TX_LVL_HI_REQ: high level transmit operating
mode request register bits
The higher transmit level must be enabled with the TX2P4_EN
hardware configuration pin signal to configure the two autonegotia-
tion advertisement bits through software. See the Transmit Ampli-
tude section for details.
If it is required to only operate the PHY at 1.0 V p-p transmit level
operation, clear the AN_ADV_B10L_TX_LVL_HI_ABL bit, so that
2.4 V p-p transmit level operation is not advertised. In this case, au-
tonegotiation can only resolve to 1.0 V p-p transmit level operation,
irrespective of the setting that the remote PHY advertises.
Table 11. Determination of Transmit Level by Autonegotiation
AN_LP_ADV_B10L_TX_LVL_HI_ABL
AN_LP_ADV_B10L_TX_LVL_HI_REQ AN_ADV_B10L_TX_LVL_HI_ABL AN_ADV_B10L_TX_LVL_HI_REQ
Transmit
Level
0
X1
0
X1
1.0 V p-p
1
X1
0
X1
1.0 V p-p
0
X1
1
X1
1.0 V p-p
1
0
1
0
1.0 V p-p
1
0
1
1
2.4 V p-p
1
1
1
0
2.4 V p-p
1
1
1
1
2.4 V p-p
1 X means don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com