Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100CCPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADIN1100CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L PHY
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1100CCPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADIN1100CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1100CCPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
Data Sheet
ADIN1100
APPLICATIONS INFORMATION
analog.com
Rev. B | 37 of 80
For best performance, set the ADIN1100 VCLK_IN signal to 1.0 V
p-p.
Figure 25. External 50 MHz Clock Input Circuit for RMII Mode
For 0.8 V ≤ VS p-p ≤ 1 V (dc coupling), the following results:
►
C1 = 50 Ω (replace capacitor with resistor)
►
C2 not required
For VS p-p > 1.0 V (ac coupling) and C1 and C2 placed near the
ADIN1100 XTAL_I/CLK_IN pin, the following results:
►
C1 = 70 pF maximum
►
C2 = 10 pF
►
CPIN = 3 pF (ADIN1100 pin capacitance)
►
CSTRAY2 ≈ 0 pF
►
VS p-p – VCLK_IN p-p > 0.2 V
►
C1 = VCLK_IN×C2+CSTRAY2+CPIN
Vs−VCLK_IN
Table 28. C1 and C2 Values for Different VS p-p Values with VCLK_IN = 1 V p-p
VS V p-p
C2 (pF)
C1
1.0
Not applicable
50 Ω
1.2
10
68 pF
1.8
10
18 pF
2.2
10
12 pF
2.5
10
10 pF
2.8
10
8.2 pF
3.0
10
8.2 pF
3.3
10
8.2 pF
The capacitor tolerance from the manufacturer must be included in
the calculations to provide a reasonable margin with regard to the
VCLK_IN target voltage.
Note that additional filtering can be required for the external MAC
module. The selected clock source must be able to supply the
current required by the circuit.
PCB Parasitic Capacitance Considerations
The parasitic capacitance of the clock traces can have a nonnegligi-
ble impact on the signal. The PCB stack and the trace impedance
must be selected carefully to reduce parasitic impedance and pro-
vide the best timing performance, especially if the RMII is selected
(50 MHz clock).
Considering the ac coupling RMII scenario described in the Exter-
nal 50 MHz Clock Input for RMII Mode section, Table 29 displays
some basic calculations of the PCB parasitic capacitance using the
following PCB parameters:
►
Transmit line type: Microstrip Layer 1 and Layer 2
►
Clock trace width: W = 127 μm (5 mils)
►
PCB L1 copper foil thickness after plating: T = 35 μm (1.38 mils)
►
L1 to L2 ground plane distance: H = 0.116 mm (4.55 mils)
►
Substrate relative permittivity: εr = 4.6 (FR4)
In addition, see the IPC-2141 standard for models and guidelines.
Table 29. Trace Parasitic Capacitance Examples
Total Clock Trace Length (cm)
Clock Trace Stray Capacitance (pF)
1
~1
2
~2
5
~5
ELECTROMAGNETIC COMPATIBILITY (EMC)
AND ELECTROMAGNETIC IMMUNITY (EMI)
The ADIN1100 was tested at the system level for EMC and EMI.
Table 30 summarizes the results.
Table 30. EMC/EMI Tests Conducted on ADIN1100 at System Level
EMC/EMI Test
Withstand Threshold/Class
IEC 61000-4-4 EFT
±4 kV
IEC 61000-4-2 ESD (contact discharge) ±4 kV
IEC 61000-4-2 ESD (air discharge)
±8 kV
IEC 61000-4-5 Surge
±4 kV
IEC 61000-4-6 Conducted Immunity
10 V/m
IEC 61000-4-3 Radiated Immunity
Class A
EN 55032 Radiated Emissions
Class B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com