Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310 Datasheet(PDF) 34 Page - Coilcraft lnc.

Part # C310
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C310 Datasheet(HTML) 34 Page - Coilcraft lnc.

Back Button C310 Datasheet HTML 30Page - Coilcraft lnc. C310 Datasheet HTML 31Page - Coilcraft lnc. C310 Datasheet HTML 32Page - Coilcraft lnc. C310 Datasheet HTML 33Page - Coilcraft lnc. C310 Datasheet HTML 34Page - Coilcraft lnc. C310 Datasheet HTML 35Page - Coilcraft lnc. C310 Datasheet HTML 36Page - Coilcraft lnc. C310 Datasheet HTML 37Page - Coilcraft lnc. C310 Datasheet HTML 38Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
34
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
SER80xx High Current
I
sat(A)
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp 10% 20% 30% 20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
drop drop drop rise
rise
High Isat for high peak current applications
SER8050-451MEC
0.45
3.19
3.50
216
29.52 30.32 31.12 7.95
11.72
SER8050-811MEC
0.80
5.35
5.88
125
22.48 24.40 25.20 6.48
9.43
SER8052-122MEC
1.2
6.44
7.20
110
17.42 18.54 19.18 6.03
8.11
SER8052-182MEC
1.8
8.64
9.50
91
13.60 14.56 14.88 5.33
7.94
SER8052-242MEC
2.4
8.64
9.50
76
10.36 11.38 11.80 5.40
7.58
SER8052-332MEC
3.2
13.03
14.33
72
9.02
9.84
10.24 4.43
6.25
SER8052-402MEC
4.0
13.03
14.33
66
7.04
7.84
8.24
4.53
6.30
Low DCR for high average current applications
SER8050-501MEC
0.50
2.22
2.50
234
19.40 22.02 22.68 9.78
13.52
SER8050-112MEC
1.1
3.19
3.50
109
12.22 13.86 14.50 8.05
11.97
SER8050-202MEC
2.0
5.35
5.88
74
7.94
9.22
9.78
7.83
10.79
SER8052-312MEC
3.1
6.44
7.20
63
6.58
7.56
8.00
6.26
8.71
SER8052-452MEC
4.5
8.64
9.50
52
4.76
5.74
6.14
5.37
7.68
SER8052-612MEC
6.1
8.64
9.50
45
3.44
4.22
4.58
5.17
7.31
SER8052-802MEC
8.0
13.03
14.33
43
2.90
3.58
3.86
4.57
6.31
SER8052-103MEC
10
13.03
14.33
40
2.24
2.80
3.10
4.61
6.32
SER1052 High Current
I
sat (A)
I
rms (A)
Inductance
DCR max
SRF typ
10% 20% 30%
20°C 40°C
Part number
±20% (µH)
(mOhms)
(MHz)
drop drop drop
rise
rise
SER1052-801MLC
0.80
4.0
100
24.9
25.2
25.6
12.5
16.3
SER1052-102MLC
1.0
4.0
95
16.5
17.0
17.5
12.5
16.3
SER1052-122MLC
1.2
6.0
91
20.5
21.0
21.3
11.0
15.0
SER1052-132MLC
1.3
4.0
81
12.9
16.8
17.2
12.5
16.3
SER1052-152MLC
1.5
6.0
75
13.5
14.0
14.5
11.0
15.0
SER1052-182MLC
1.8
6.0
70
13.3
13.8
14.3
11.0
15.0
SER1052-202MLC
2.0
9.0
65
15.3
15.8
16.2
8.5
11.5
SER1052-222MLC
2.2
4.0
58
8.9
9.6
10.0
12.5
16.3
SER1052-252MLC
2.5
7.5
55
11.4
11.8
12.1
9.0
12.0
SER1052-322MLC
3.2
6.0
53
7.3
7.8
8.5
11.0
15.0
SER1052-402MLC
4.0
9.0
47
8.3
8.5
8.8
8.5
11.5
SER1052-432MLC
4.3
7.5
44
6.4
6.8
7.0
9.0
12.0
SER1052-572MLC
5.7
9.0
35
5.4
5.8
6.0
8.5
11.5
SER14xx High Current
I
sat(A)
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp 10% 20% 30%
20°C 40°C
Partnumber
±20%(µH)
nom
max
(MHz)
drop drop drop
rise
rise
Low DCR for high average current applications
SER1408-301MED
0.30
0.48
0.55
140
43.2
49.6
53.0
38
42
SER1408-501MED
0.50
0.48
0.55
83
25.8
29.6
31.4
38
42
SER1408-681MED
0.68
0.48
0.55
63
18.8
21.6
23.2
38
42
SER1408-102MED
1.0
0.48
0.55
48
12.1
14.2
16.1
38
42
SER1410-152MED
1.5
0.90
0.99
53
16.8
18.9
20.3
33
39
SER1410-202MED
2.0
0.90
0.99
45
12.1
13.9
15.0
33
39
High Isat for high peak current applications
SER1412-301MED
0.30
1.30
1.43
154
87.0
92.8
105.9
30
37
SER1412-501MED
0.50
1.30
1.43
122
56.1
59.3
62.5
30
37
SER1412-681MED
0.68
1.30
1.43
100
41.2
43.5
45.8
30
37
SER1412-102MED
1.0
1.30
1.43
78
28.9
31.0
32.2
30
37
SER1412-152MED
1.5
1.30
1.43
62
21.8
23.6
24.6
30
37
SER1412-202MED
2.0
1.30
1.43
50
16.9
18.5
19.4
30
37
SER1412-362MED
3.6
1.30
1.43
35
9.6
11.2
12.1
30
37
SER1360 High Current
I
sat (A)
I
rms (A)
Inductance
DCR (mOhms)
SRF typ
10% 20% 30%
20°C 40°C
Part number
±10% (µH)
nom
max
(MHz)
drop drop drop
rise
rise
SER1360-331KLD
0.33
0.77
0.85
200
36
41
43
13.0
16.9
SER1360-651KLD
0.65
0.77
0.85
160
23
27
28
13.0
16.9
SER1360-102KLD
1.0
2.36
2.60
75
32
33
33.5
9.5
13.0
SER1360-182KLD
1.8
2.36
2.60
50
17
19
20
9.5
13.0
SER1360-272KLD
2.7
2.36
2.60
42
12
13
14
9.5
13.0
SER1360-402KLD
4.0
5.50
6.05
34
11
12
13
7.1
9.4
SER1360-472KLD
4.7
5.50
6.05
32
9.5
11
12
7.1
9.4
SER1360-602KLD
6.0
5.50
6.05
28
8.0
9.0
9.5
7.1
9.4
SER1360-802KLD
8.0
9.83
10.81
26
7.5
8.5
9.0
5.5
7.6
SER1360-103KLD
10
9.83
10.81
24
6.2
7.0
7.5
4.4
7.2
SER1390 High Current
I
sat (A)
I
rms (A)
Inductance
DCR (mOhms)
SRF typ
10% 20% 30%
20°C 40°C
Part number
±20% (µH)
nom
max
(MHz)
drop drop drop
rise
rise
SER1390-103MLD
10
13.7
15.0
26.9
11.32 12.56 13.16
6.4
9.2
SER1390-153MLD
15
13.7
15.0
24.3
7.20
8.04
8.60
6.4
9.2
SER1390-223MLD
22
21.0
23.1
20.3
6.08
6.80
7.36
5.7
7.7
SER1390-333MLD
33
21.0
23.1
15.7
3.80
4.40
4.76
5.7
7.7
SER1390-473MLD
47
21.0
23.1
13.2
2.60
3.00
3.20
5.7
7.7
A
B
C
A
B
C
A
B
C
Dimensions (inches mm)
Series
Amax
Bmax
Cmax
SER1052
0.402 10,2
0.433 11,0
0.205 5,2
SER1360
0.508 12,9
0.512 13,0
0.228 5,8
SER1390
0.508 12,9
0.512 13,0
0.354 9,0
SER1408
0.66 14,24
0.473 12,0
0.320 8,26
SER1410
0.66 14,24
0.473 12,0
0.416 10,56
SER1412
0.66 14,24
0.473 12,0
0.498 12,66
SER1512
0.598 15,2
0.606 15,4
0.472 12,0
SER8050
0.335 8,05
0.346 8,80
0.197 5,0
SER8052
0.335 8,05
0.346 8,80
0.205 5,2
SER1052,SER1360, SER1390,
SER1512,SER8050, SER8052
SER1408,SER1410, SER1412
A
B
C
SER1512 Shielded
I
sat (A)
I
rms (A)
Inductance
DCR (mOhms)
SRF typ
10% 20% 30%
20°C 40°C
Part number
±20% (µH)
nom
max
(MHz)
drop drop drop
rise
rise
SER1512-472MED
4.7
2.8
3.1
32.4
18.3
19.6
20.1
11.4
18.1
SER1512-103MED
10
3.3
3.7
22.3
9.3
10.6
11.3
9.3
15.7
SER1512-223MED
22
7.6
8.4
14.0
6.8
7.6
8.0
7.1
11.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com