Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310 Datasheet(PDF) 51 Page - Coilcraft lnc.

Part # C310
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C310 Datasheet(HTML) 51 Page - Coilcraft lnc.

Back Button C310 Datasheet HTML 47Page - Coilcraft lnc. C310 Datasheet HTML 48Page - Coilcraft lnc. C310 Datasheet HTML 49Page - Coilcraft lnc. C310 Datasheet HTML 50Page - Coilcraft lnc. C310 Datasheet HTML 51Page - Coilcraft lnc. C310 Datasheet HTML 52Page - Coilcraft lnc. C310 Datasheet HTML 53Page - Coilcraft lnc. C310 Datasheet HTML 54Page - Coilcraft lnc. C310 Datasheet HTML 55Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
51
MSD1278 Coupled *
I
rms(A)
Inductance DCRmax SRFtyp K
LeakL
I
sat(A)
both
one
Part number
(µH)
(Ohms)
(MHz)
typ typ(µH) 30%drop windings winding
MSD1278-472MLD
4.7 ±20%
0.019
32.0
0.98 0.22
14.90
3.16
4.47
MSD1278-562MLD
5.6 ±20%
0.023
25.0
0.98 0.23
13.40
2.87
4.06
MSD1278-682MLD
6.8 ±20%
0.024
24.0
0.98 0.22
13.10
2.81
3.98
MSD1278-822MLD
8.2 ±20%
0.025
18.0
0.98 0.34
10.80
2.76
3.90
MSD1278-103MLD
10 ±20%
0.029
16.5
0.98 0.34
10.50
2.56
3.62
MSD1278-123MLD
12 ±20%
0.031
14.5
0.98 0.36
9.60
2.48
3.50
MSD1278-153MLD
15 ±20%
0.036
11.8
0.99 0.41
9.10
2.30
3.25
MSD1278-183MLD
18 ±20%
0.040
10.5
0.99 0.37
8.00
2.18
3.08
MSD1278-223MLD
22 ±20%
0.048
9.0
0.99 0.41
6.80
1.99
2.81
MSD1278-273MLD
27 ±20%
0.060
8.4
0.99 0.43
6.50
1.78
2.52
MSD1278-333MLD
33 ±20%
0.075
7.6
0.99 0.56
5.60
1.59
2.25
MSD1278-393MLD
39 ±20%
0.080
6.5
0.99 0.64
5.50
1.54
2.18
MSD1278-473MLD
47 ±20%
0.090
6.0
0.99 0.70
5.20
1.45
2.05
MSD1278-563MLD
56 ±20%
0.095
5.6
0.99 0.76
4.50
1.41
2.00
MSD1278-683MLD
68 ±20%
0.105
5.0
0.99 0.88
4.10
1.35
1.90
MSD1278-823MLD
82 ±20%
0.140
4.1
0.99 0.85
3.80
1.16
1.65
MSD1278-104MLD
100 ±20%
0.150
3.6
>0.99 0.90
3.40
1.13
1.59
MSD1278-124KLD
120 ±10%
0.205
3.2
0.99 1.31
3.20
0.96
1.36
MSD1278-154KLD
150 ±10%
0.230
3.0
>0.99 1.46
2.80
0.91
1.29
MSD1278-184KLD
180 ±10%
0.255
2.7
>0.99 0.93
2.50
0.86
1.22
MSD1278-224KLD
220 ±10%
0.345
2.5
>0.99 1.54
2.30
0.74
1.05
MSD1278-274KLD
270 ±10%
0.450
2.1
>0.99 1.17
2.10
0.65
0.92
MSD1278-334KLD
330 ±10%
0.510
2.0
0.99 4.14
1.90
0.61
0.86
MSD1278-394KLD
390 ±10%
0.560
1.8
>0.99 1.64
1.70
0.58
0.82
MSD1278-474KLD
470 ±10%
0.715
1.6
>0.99 0.25
1.60
0.50
0.70
MSD1278-564KLD
560 ±10%
0.845
1.5
>0.99 2.68
1.50
0.47
0.67
MSD1278-684KLD
680 ±10%
1.145
1.4
>0.99 2.11
1.30
0.41
0.58
MSD1278-824KLD
820 ±10%
1.275
1.3
>0.99 2.39
1.20
0.39
0.55
MSD1278-105KLD
1000 ±10% 1.415
1.1
>0.99 4.28
1.10
0.37
0.52
MSD1583 Coupled
I
rms(A)
Inductance DCRmax SRFtyp K
LeakL
I
sat(A)
both
one
Part number
(µH)
(Ohms)
(MHz)
typ typ(µH) 30%drop windings winding
MSD1583-103MED
10 ±20%
0.016
16.0
0.98 0.33
14.5
3.68
5.20
MSD1583-123MED
12 ±20%
0.019
14.5
0.98 0.36
13.2
3.54
5.00
MSD1583-153MED
15 ±20%
0.023
12.0
0.99 0.38
11.8
3.18
4.50
MSD1583-183MED
18 ±20%
0.024
11.5
0.99 0.40
10.8
3.04
4.30
MSD1583-223MED
22 ±20%
0.033
10.5
0.99 0.40
9.80
2.44
3.45
MSD1583-333MED
33 ±20%
0.048
8.0
0.99 0.54
8.00
2.16
3.05
MSD1583-473MED
47 ±20%
0.058
7.1
0.99 0.46
6.70
1.98
2.80
MSD1583-683MED
68 ±20%
0.083
5.7
0.99 0.79
5.50
1.56
2.20
MSD1583-104KED
100 ±10%
0.130
5.1
>0.99 0.59
4.60
1.24
1.75
MSD1583-154KED
150 ±10%
0.190
3.7
>0.99 0.70
3.75
1.06
1.50
MSD1583-224KED
220 ±10%
0.230
3.2
>0.99 0.89
3.10
0.92
1.30
MSD1583-474KED
470 ±10%
0.520
2.2
>0.99 1.16
2.12
0.65
0.92
MSD1583-105KED
1000 ±10% 1.200
1.6
>0.99 2.02
1.45
0.42
0.60
LPH8045 Shielded
I
sat(A)
I
rms(A)
Inductance
DCR(Ohms)
SRFtyp 10% 20% 30% 20°C
40°C
Partnumber
±20%(µH)
nom
max
(MHz)
drop drop drop rise
rise
LPH8045-682MRC
6.8
0.208
0.223
31.0
3.30
3.72
3.90
0.95
1.30
LPH8045-822MRC
8.2
0.228
0.250
27.4
3.00
3.40
3.65
0.92
1.26
LPH8045-103MRC
10
0.241
0.261
25.0
2.65
3.10
3.35
0.90
1.21
LPH8045-153MRC
15
0.306
0.331
18.9
2.30
2.65
2.90
0.80
1.09
LPH8045-223MRC
22
0.390
0.395
15.0
1.70
1.90
2.10
0.65
0.89
Dimensions (inches mm)
Series
A max
B max
C
D
E
F
G
MSC1278
0.484 12,3
0.484 12,3
0.197 5,0
0.138 3,5
0.197 5,0
0.317 8,05
0.059 1,5
MSD1260
0.484 12,3
0.484 12,3
0.244 6,2
0.138 3,5
0.197 5,0
0.197 5,0
0.059 1,5
MSD1278
0.484 12,3
0.484 12,3
0.197 5,0
0.138 3,5
0.197 5,0
0.317 8,05
0.059 1,5
MSD1514
0.787 15,5
0.787 15,5
0.220 5,6
0.130 3,3
0.331 8,2
0.559 14,2
0.074 1,9
MSD1583
0.610 15,5
0.610 15,5
0.220 5,6
0.126 3,2
0.331 8,4
0.339 8,6
0.075 1,9
MSD7342
0.295 7,5
0.295 7,5
0.091 2,3
0.063 1,6
0.150 3,8
0.181 4,6
0.028 0,7
Dimensions (inches mm)
Series
A max
B max
C
LPH8045
0.350 8,90
0.318 8,05
0.185 4,70
A
C
B
LPH8045
MSC1278 Coupled
DCR
SRF
I
sat (A)
I
rms (A)
Inductance max
typ
K
Leak 10% 20% 30% both
one
Part number
(µH)
(Ohms) (MHz) typ L typ drop drop drop windings winding
MSC1278-103MLD 10 ±20%
0.058
20
0.80 2.75
8.80 10.0 10.66 2.56
3.62
MSC1278-223KLD 22 ±10%
0.096
12
0.82 5.85
6.00 6.80 7.26
1.99
2.81
MSC1278-333KLD 33 ±10%
0.15
9.5
0.85 10.1
5.50 6.10 6.52
1.59
2.25
MSC1278-473KLD 47 ±10%
0.18
7.8
0.83 14.5
3.70 4.34 4.60
1.45
2.05
A
B
C
E
F
D
G
MSC1278, MSD12xx,
MSD15xx, MSD7342



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com