Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310 Datasheet(PDF) 49 Page - Coilcraft lnc.

Part # C310
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C310 Datasheet(HTML) 49 Page - Coilcraft lnc.

Back Button C310 Datasheet HTML 45Page - Coilcraft lnc. C310 Datasheet HTML 46Page - Coilcraft lnc. C310 Datasheet HTML 47Page - Coilcraft lnc. C310 Datasheet HTML 48Page - Coilcraft lnc. C310 Datasheet HTML 49Page - Coilcraft lnc. C310 Datasheet HTML 50Page - Coilcraft lnc. C310 Datasheet HTML 51Page - Coilcraft lnc. C310 Datasheet HTML 52Page - Coilcraft lnc. C310 Datasheet HTML 53Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
49
LPD5010 Coupled
I
sat(A)
I
rms(A)
Inductance
DCRmax SRFtyp 10% 20% 30%
both
one
Part number
±20%(µH)
(Ohms)
(MHz)
drop drop drop
windings winding
LPD5010-681MRC
0.68
0.035
191
2.6
2.7
2.8
1.95
2.76
LPD5010-102MRC
1.0
0.050
150
2.1
2.1
2.2
1.50
2.12
LPD5010-152MRC
1.5
0.075
134
1.7
1.8
1.8
1.20
1.70
LPD5010-222MRC
2.2
0.100
108
1.5
1.6
1.6
1.10
1.56
LPD5010-332MRC
3.2
0.135
83
1.2
1.3
1.3
0.95
1.34
LPD5010-472MRC
4.7
0.200
68
0.98
1.0
1.1
0.75
1.06
LPD5010-562MRC
5.6
0.225
60
0.90
0.93
0.94
0.70
0.99
LPD5010-682MRC
6.8
0.265
55
0.83
0.86
0.87
0.60
0.85
LPD5010-822MRC
8.2
0.350
50
0.74
0.77
0.78
0.50
0.71
LPD5010-103MRC
10
0.390
46
0.67
0.69
0.70
0.50
0.71
LPD5010-153MRC
15
0.595
33
0.53
0.55
0.56
0.42
0.59
LPD5010-223MRC
22
0.790
26
0.45
0.47
0.48
0.35
0.49
LPD5010-333MRC
33
1.250
23
0.37
0.38
0.39
0.30
0.42
LPD5010-473MRC
47
1.740
17.0
0.31
0.32
0.33
0.25
0.35
LPD5010-683MRC
68
2.550
14.9
0.25
0.26
0.27
0.19
0.26
LPD5010-104MRC
100
4.000
11.2
0.21
0.22
0.22
0.15
0.21
LPD5010-154MRC
150
5.850
9.9
0.17
0.17
0.18
0.12
0.16
LPD5010-224MRC
220
7.600
8.05
0.14
0.15
0.15
0.11
0.15
LPD3015 Coupled
I
sat(A)
I
rms(A)
Inductance
DCRmax
SRFtyp 10% 20% 30%
both
one
Part number
±20%(µH)
(Ohms)
(MHz)
drop drop drop
windings winding
LPD3015-391MRC 0.39
0.036
289
3.2
3.3
3.4
1.45
2.05
LPD3015-561MRC 0.56
0.040
235
2.7
2.8
2.8
1.37
1.94
LPD3015-102MRC 1.0
0.065
160
2.0
2.1
2.2
1.08
1.52
LPD3015-152MRC 1.5
0.102
140
1.6
1.7
1.8
0.86
1.20
LPD3015-182MRC 1.8
0.137
135
1.5
1.6
1.6
0.78
1.10
LPD3015-222MRC 2.2
0.150
110
1.5
1.6
1.6
0.75
1.05
LPD3015-332MRC 3.3
0.168
90
1.0
1.1
1.2
0.67
0.94
LPD3015-472MRC 4.7
0.252
79
0.86
0.87
0.88
0.54
0.76
LPD3015-682MRC 6.8
0.311
58
0.77
0.78
0.79
0.49
0.69
LPD3015-103MRC 10
0.520
48
0.58
0.59
0.60
0.38
0.53
LPD3015-153MRC 15
0.710
35
0.49
0.50
0.51
0.32
0.46
LPD3015-183MRC 18
0.775
33
0.46
0.47
0.48
0.31
0.44
LPD3015-223MRC 22
0.945
30
0.42
0.43
0.44
0.28
0.40
LPD3015-333MRC 33
1.42
23
0.34
0.35
0.36
0.23
0.32
LPD3015-473MRC 47
2.02
17
0.28
0.29
0.30
0.19
0.27
LPD3015-683MRC 68
3.06
14
0.24
0.25
0.26
0.16
0.22
LPD3015-104MRC 100
4.27
11
0.20
0.21
0.22
0.13
0.19
LPD3015-124MRC 120
4.64
9.0
0.19
0.20
0.20
0.13
0.18
LPD3015-154MRC 150
6.20
8.0
0.16
0.17
0.18
0.11
0.16
LPD3015-184MRC 180
8.66
7.5
0.15
0.16
0.17
0.10
0.14
LPD3015-224MRC 220
9.28
6.0
0.13
0.14
0.15
0.09
0.13
LPD3015-334MRC 330
13.85
5.0
0.11
0.12
0.12
0.07
0.10
PFD2015 Coupled
I
sat(A)
I
rms(A)
Inductance
DCRmax SRFtyp 10%
20% 30% both
one
Part number
±20%(µH)
(Ohms)
(MHz)
drop
drop drop windings winding
PFD2015-102MEC
1.0
0.165
380
0.85
1.10
1.30
0.800
1.13
PFD2015-122MEC
1.2
0.175
310
0.80
1.05
1.20
0.750
1.06
PFD2015-182MEC
1.8
0.294
265
0.70
0.85
1.00
0.490
0.690
PFD2015-272MEC
2.7
0.477
220
0.65
0.82
0.88
0.410
0.580
PFD2015-332MEC
3.3
0.670
180
0.57
0.71
0.77
0.370
0.525
PFD2015-472MEC
4.7
1.00
160
0.44
0.55
0.60
0.260
0.370
PFD2015-682MEC
6.8
1.75
130
0.37
0.42
0.47
0.187
0.265
PFD2015-822MEC
8.2
2.50
125
0.35
0.38
0.42
0.150
0.210
PFD2015-103MEC
10
3.40
110
0.30
0.34
0.37
0.130
0.185
PFD3215 Coupled
I
sat(A)
I
rms(A)
Inductance
DCRmax SRFtyp 10%
20% 30% both
one
Part number
±20%(µH)
(Ohms)
(MHz)
drop
drop drop windings winding
PFD3215-391MEC
0.39
0.070
600
2.10
2.30
2.40
0.98
1.39
PFD3215-102MEC
1.0
0.123
400
1.35
1.55
1.65
0.85
1.20
PFD3215-182MEC
1.8
0.250
230
1.00
1.20
1.30
0.60
0.85
PFD3215-222MEC
2.2
0.265
270
0.95
1.05
1.15
0.57
0.81
PFD3215-332MEC
3.3
0.360
190
0.75
0.83
0.90
0.55
0.78
PFD3215-472MEC
4.7
0.450
175
0.65
0.75
0.80
0.51
0.72
PFD3215-682MEC
6.8
0.630
155
0.55
0.65
0.70
0.40
0.57
PFD3215-103MEC
10
1.25
110
0.45
0.50
0.55
0.27
0.38
LPD5030 Coupled
I
sat(A)
I
rms(A)
Inductance
DCRmax SRFtyp 10% 20% 30%
both
one
Part number
(µH)
(Ohms)
(MHz)
drop drop drop
windings winding
LPD5030-102NRC
1.0±30%
0.021
153
4.30
4.49
4.67
2.20
3.11
LPD5030-152MRC
1.5±20%
0.024
118
3.90
4.20
4.30
2.05
2.90
LPD5030-222MRC
2.2±20%
0.034
87.0
2.80
2.98
3.07
1.95
2.76
LPD5030-332MRC
3.2±20%
0.039
61.0
2.50
2.70
2.80
1.70
2.40
LPD5030-472MRC
4.7±20%
0.056
49.0
2.10
2.20
2.20
1.40
1.98
LPD5030-562MRC
5.6±20%
0.063
44.0
1.80
1.80
1.89
1.35
1.91
LPD5030-682MRC
6.8±20%
0.080
40.0
1.40
1.48
1.48
1.20
1.70
LPD5030-103MRC
10±20%
0.105
28.0
1.20
1.20
1.20
1.05
1.48
LPD5030-153MRC
15±20%
0.149
23.0
1.00
1.17
1.17
0.85
1.20
LPD5030-223MRC
22±20%
0.226
17.0
0.89
0.98
0.98
0.70
0.99
LPD5030-333MRC
33±20%
0.283
16.0
0.63
0.77
0.78
0.60
0.85
LPD5030-473MRC
47±20%
0.403
12.0
0.59
0.63
0.65
0.50
0.71
LPD5030-683MRC
68±20%
0.565
9.00
0.50
0.54
0.55
0.43
0.61
LPD5030-104MRC
100±20%
0.895
8.44
0.47
0.54
0.56
0.33
0.47
LPD5030-154MRC
150±20%
1.215
6.72
0.38
0.43
0.45
0.28
0.40
LPD5030-224MRC
220±20%
1.650
5.53
0.31
0.35
0.36
0.24
0.34
LPD5030-334MRC
330±20%
2.680
4.17
0.25
0.25
0.32
0.18
0.25
LPD5030-474MRC
470±20%
3.755
3.52
0.21
0.24
0.26
0.15
0.21
LPD5030-684MRC
680±20%
5.400
2.93
0.17
0.2
0.21
0.13
0.18
LPD5030-105MRC
1000±20%
8.250
2.33
0.15
0.17
0.17
0.10
0.14
Dimensions (inches mm)
Series
A max
B max
C
D
LPD3015
0.121 3,07
0.121 3,07
0.059 1,5
0.039 0,99
LPD4012
0.158 4,02
0.158 4,02
0.0473 1,2
0.060 1,52
LPD5010
0.189 4,80
0.189 4,80
0.039 1,0
0.060 1,52
LPD5030
0.189 4,80
0.189 4,80
0.118 3,0
0.060 1,52
PFD2015
0.090 2,29
0.060 1,52
0.059 1,5
PFD3215
0.131 3,32
0.092 2,33
0.059 1,5
LPD3015, LPD4012,
LPD50xx
A
C
B
PFD2015, PFD3215
SM Coupled Inductors
LPD4012 Coupled
I
sat(A)
I
rms(A)
Inductance
DCRmax
SRFtyp 10% 20% 30%
both
one
Part number
(µH)
(Ohms)
(MHz)
drop drop drop
windings winding
LPD4012-331NRC
0.33±30%
0.021
255
5.2
5.4
5.6
1.87
2.65
LPD4012-561NRC
0.56±30%
0.042
185
3.7
3.8
3.9
1.30
1.84
LPD4012-821NRC
0.82±30%
0.050
130
3.2
3.3
3.4
1.21
1.72
LPD4012-152NRC
1.5±30%
0..093
86
2.50
2.81
2.91
1.15
1.62
LPD4012-222NRC
2.2±30%
0.118
70
2.30
2.40
2.50
0.95
1.35
LPD4012-332NRC
3.3±30%
0.160
48
1.80
1.90
2.00
0.75
1.06
LPD4012-472MRC 4.7±20%
0.250
39
1.70
1.80
1.90
0.65
0.92
LPD4012-562MRC 5.6±20%
0.560
32
1.60
1.70
1.80
0.55
0.78
LPD4012-682MRC 6.8±20%
0.265
31
1.20
1.52
1.63
0.60
0.86
LPD4012-822MRC 8.2±20%
0.300
29
1.10
1.20
1.30
0.55
0.78
LPD4012-103MRC 10±20%
0.375
25
0.98
1.00
1.10
0.50
0.71
LPD4012-153MRC 15±20%
0.570
21
0.90
0.92
0.93
0.43
0.60
LPD4012-223MRC 22±20%
0.815
15
0.70
0.82
0.84
0.34
0.48
LPD4012-333MRC 33±20%
0.915
12
0.37
0.57
0.58
0.31
0.44
LPD4012-473MRC 47±20%
1.26
8.8
0.33
0.39
0.40
0.28
0.39
LPD4012-683MRC 68±20%
1.62
7.8
0.27
0.36
0.37
0.25
0.36
LPD4012-823MRC 82±20%
1.83
7.3
0.27
0.27
0.29
0.23
0.31
LPD4012-104MRC 100±20%
2.38
6.1
0.22
0.28
0.29
0.20
0.27
LPD4012-124MRC 120±20%
2.77
5.3
0.21
0.26
0.27
0.19
0.27
LPD4012-154MRC 150±20%
3.45
4.6
0.18
0.26
0.27
0.17
0.23
LPD4012-184MRC 180±20%
4.38
4.1
0.16
0.21
0.23
0.14
0.18
LPD4012-224MRC 220±20%
5.62
3.3
0.15
0.16
0.17
0.12
0.17
LPD4012-334MRC 330±20%
8.50
2.8
0.13
0.16
0.16
0.10
0.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com