Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310 Datasheet(PDF) 45 Page - Coilcraft lnc.

Part # C310
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C310 Datasheet(HTML) 45 Page - Coilcraft lnc.

Back Button C310 Datasheet HTML 41Page - Coilcraft lnc. C310 Datasheet HTML 42Page - Coilcraft lnc. C310 Datasheet HTML 43Page - Coilcraft lnc. C310 Datasheet HTML 44Page - Coilcraft lnc. C310 Datasheet HTML 45Page - Coilcraft lnc. C310 Datasheet HTML 46Page - Coilcraft lnc. C310 Datasheet HTML 47Page - Coilcraft lnc. C310 Datasheet HTML 48Page - Coilcraft lnc. C310 Datasheet HTML 49Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
45
DO5010H High Current
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
(mOhms)
(MHz)
10% drop
(A)
DO5010H-781MLD
0.78
2.6
156
30
15
DO5010H-152MLD
1.5
4.0
100
25
15
DO5010H-222MLD
2.2
6.1
75
20
12
DO5010H-332MLD
3.3
8.6
60
17
10
DO5010H-392MLD
3.9
10
55
15
9.0
DO5010H-472MLD
4.7
14
40
13
8.4
DO5010H-602MLD
6.0
17
35
12
7.5
DO5010H-782MLD
7.8
18
35
11
7.5
DO5010H-103MLD
10
26
28
10
6.0
DO5010H-123MLD
12
28
26
8.5
5.2
DO5010H-153MLD
15
32
20
8
4.4
DO5010H-223MLD
22
47
20
7.0
3.5
DO5010H-333MLD
33
66
15
5.5
3.0
DO5010H-473MLD
47
86
9.0
4.5
2.6
DO5010H-683MLD
68
130
8.0
3.5
2.3
DO5010H-104MLD
100
190
7.0
3.0
1.8
DO5010H-154MLD
150
250
6.0
2.6
1.5
DO5010H-224MLD
220
380
5.0
2.4
1.2
DO5010H-334MLD
330
560
4.0
1.9
1.0
DO5010H-474MLD
470
850
3.0
1.4
0.82
DO5010H-684MLD
680
1100
2.5
1.2
0.72
DO5010H-105MLD
1000
1800
2.0
1.0
0.56
DO5040H High Current
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
(µH)
(mOhms)
(MHz)
10% drop
(A)
DO5040H-282MLD
2.8 ±20%
5.2
65
33.4
12.1
DO5040H-392MLD
3.9 ±20%
6.0
40
26.8
11.2
DO5040H-682MLD
6.8 ±20%
9.0
30
22.5
9.6
DO5040H-103MLD
10 ±20%
11
22
17.8
8.6
DO5040H-123MLD
12 ±20%
13
21
15.9
7.4
DO5040H-153MLD
15 ±20%
20
18
13.8
6.5
DO5040H-183MLD
18 ±20%
22
14
13.2
6.0
DO5040H-223MLD
22 ±20%
24
13
11.8
5.7
DO5040H-333MLD
33 ±20%
37
10
9.6
4.5
DO5040H-473MLD
47 ±20%
52
8.0
7.8
3.7
DO5040H-683MLD
68 ±20%
67
7.0
6.7
3.4
DO5040H-104MLD
100 ±20%
115
6.0
5.6
2.8
DO5040H-334KLD
330 ±10%
325
3.0
3.0
1.5
DO5040H-684KLD
680 ±10%
780
1.6
2.0
1.1
DO5040H-145KLD
1400 ±10%
1300
1.0
1.5
0.7
A
B
C
D
E
FG
Dimensions (inches mm)
Series
A max
B max
C
D
E
F
G
DO1607B
0.175 4,45
0.260 6,60
0.098 2,49
0.155 3,94 0.050 1,27 0.170 4,32
0.040 1,02
DO1813H
0.240 6,10
0.350 8,89
0.197 5,00
0.180 4,60 0.160 4,06 0.230 5,84
0.075 1,91
DO3316H
0.390 9,91
0.510 12,95 0.250 6,35
0.330 8,38 0.160 4,06 0.400 10,16 0.060 1,52
DO3340H
0.390 9,91
0.520 13,21 0.470 11,91 0.330 8,38 0.125 3,18 0.360 9,14
0.060 1,52
DO3340P
0.370 9,40
0.510 12,95 0.450 11,43 0.330 8,38 0.100 2,54 0.300 7,62
0.100 2,54
DO5010H
0.600 15,24 0.730 18,54 0.315 8,00
0.500 12,70 0.200 5,08 0.580 14,73 0.065 1,65
DO5022P
0.600 15,24 0.730 18,54 0.280 7,11
0.500 12,70 0.100 2,54 0.500 12,70 0.100 2,54
DO5040H
0.640 16,26 0.880 22,35 0.472 12,00 0.500 12,70 0.450 11,43 0.565 14,35 0.125 3,18
DO5022P
Inductance Percent
DCR max SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
tolerance* (Ohms)
(MHz)
10% drop 20% drop (A)
DO5022P-102MLD
1.0
20
0.009
80
27.6
28.8
8.6
DO5022P-222MLD
2.2
20
0.014
80
18.5
19.8
7.1
DO5022P-332MLD
3.3
20
0.018
60
14.5
15.5
6.2
DO5022P-562MLD
5.6
20
0.020
40
12.5
13.8
5.3
DO5022P-822MLD
8.2
20
0.029
30
10.3
11.5
4.8
DO5022P-103MLD
10
20
0.031
30
9.4
10.5
4.3
DO5022P-153MLD
15
20
0.036
22
7.5
8.2
4.0
DO5022P-223MLD
22
20
0.047
20
6.5
7.2
3.5
DO5022P-333MLD
33
20
0.066
15
5.2
6.1
3.0
DO5022P-473MLD
47
20
0.086
9
4.2
4.7
2.6
DO5022P-683_LD
68
20,10
0.13
8
3.7
4.1
2.3
DO5022P-104_LD
100
20,10
0.19
7
3.0
3.4
1.8
DO5022P-154_LD
150
20,10
0.25
6
2.5
2.8
1.5
DO5022P-224_LD
220
20,10
0.38
5
2.0
2.3
1.2
DO5022P-334_LD
330
20,10
0.56
4
1.7
1.9
1.0
DO5022P-474_LD
470
20,10
0.85
3
1.5
1.7
0.82
DO5022P-684_LD
680
20,10
1.1
2.5
1.2
1.3
0.72
DO5022P-105_LD
1000
20,10
1.8
2.0
0.95
1.1
0.56
* Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with
the proper tolerance code: K = 10%, M = 20%. (e.g. DO5022P-683KLD for a 10% tolerance part.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com